| Electronic Components Datasheet Search |
|
D4 Marking, MMSZ5229 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
||||||||||||||||||||||||||||||
MMSZ5229 Datasheet(HTML) 1 Page - Vishay Siliconix |
|
1 / 5 page ![]() MMSZ5225-V to MMSZ5267-V www.vishay.com Vishay Semiconductors Rev. 1.8, 23-Mar-12 1 Document Number: 85774 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Small Signal Zener Diodes FEATURES • Silicon planar power Zener diodes • Standard Zener voltage tolerance is ± 5 % with a “B” suffix (e.g.: MMSZ5225B-V), suffix “C” is ± 2 % tolerance • These diodes are also available in MiniMELF case with the designation TZM5225 to TZM5267, DO-35 case with type designation 1N5225 to 1N5267 and SOT-23 case with the type designation MMBZ5225-V to MMBZ5267-V • AEC-Q101 qualified • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 PRIMARY CHARACTERISTICS PARAMETER VALUE UNIT VZ range nom. 3.3 to 75 V Test current IZT 1.7 to 20 mA VZ specification Thermal equilibrium Int. construction Single ORDERING INFORMATION DEVICE NAME ORDERING CODE TAPED UNITS PER REEL MINIMUM ORDER QUANTITY MMSZ5225-V to MMSZ5267-V MMSZ5225-V to MMSZ5267-V-series-GS18 10 000 (8 mm tape on 13" reel) 10 000/box MMSZ5225-V to MMSZ5267-V MMSZ5225-V to MMSZ5267-V-series-GS08 3000 (8 mm tape on 7" reel) 15 000/box PACKAGE PACKAGE NAME WEIGHT MOLDING COMPOUND FLAMMABILITY RATING MOISTURE SENSITIVITY LEVEL SOLDERING CONDITIONS SOD-123 10.3 mg UL 94 V-0 MSL level 1 (according J-STD-020) 260 °C/10 s at terminals ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL VALUE UNIT Power dissipation TL = 75 °C, on FR - 4 or FR - 5 board with minimum recommended solder pad layout Ptot 500 mW Zener current See table “Characteristics” Thermal resistance junction to ambient air On FR - 4 or FR - 5 board with minimum recommended solder pad layout RthJA 340 K/W Junction temperature, maximum Tj 150 °C Operating temperature range Tj - 55 to + 150 Storage temperature range Tstg - 65 to + 150 |
Similar Description - MMSZ5229 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |