| Electronic Components Datasheet Search |
|
D4 Marking, MMSZ5229 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
||||||||||||||||||||||||||||||
MMSZ5229 Datasheet(HTML) 2 Page - Vishay Siliconix |
|
2 / 5 page ![]() MMSZ5225-V to MMSZ5267-V www.vishay.com Vishay Semiconductors Rev. 1.8, 23-Mar-12 2 Document Number: 85774 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes •Maximum VF = 0.9 V, at IF = 10 mA (1) Measured with device junction in thermal equilibrium (2) The Zener Impedance is derived from the 1 kHz AC voltage which results when an AC current having an RMS value equal to 10 % of the Zener current (IZT1 or IZT2) is superimposed on IZT1 or IZT2. Zener Impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) PART NUMBER MARKING CODE ZENER VOLTAGE RANGE (1) TEST CURRENT REVERSE LAEKAGE CURRENT DYNAMIC RESISTANCE (2) TEMPERATURE COEFFICIENT VZ at IZT1 IZT1 IZT2 IR at VR ZZ at IZT1 ZZK at IZT2 VZ V mA μA V %/°C NOM. MAX. MAX. MAX. TYP. MMSZ5225 C5 3 20 0.25 50 1 30 1600 - 0.075 MMSZ5226 D1 3.3 20 0.25 25 1 28 1600 - 0.07 MMSZ5227 D2 3.6 20 0.25 15 1 24 1700 - 0.065 MMSZ5228 D3 3.9 20 0.25 10 1 23 1900 - 0.06 MMSZ5229 D4 4.3 20 0.25 5 1 22 2000 - 0.055 MMSZ5230 D5 4.7 20 0.25 5 2 19 1900 ± 0.030 MMSZ5231 E1 5.1 20 0.25 5 2 17 1600 ± 0.030 MMSZ5232 E2 5.6 20 0.25 5 3 11 1600 0.038 MMSZ5233 E3 6 20 0.25 5 3.5 7 1600 0.038 MMSZ5234 E4 6.2 20 0.25 5 4 7 1000 0.045 MMSZ5235 E5 6.8 20 0.25 3 5 5 750 0.05 MMSZ5236 F1 7.5 20 0.25 3 6 6 500 0.058 MMSZ5237 F2 8.2 20 0.25 3 6.5 8 500 0.062 MMSZ5238 F3 8.7 20 0.25 3 6.5 8 600 0.065 MMSZ5239 F4 9.1 20 0.25 3 7 10 600 0.068 MMSZ5240 F5 10 20 0.25 3 8 17 600 0.075 MMSZ5241 H1 11 20 0.25 2 8.4 22 600 0.076 MMSZ5242 H2 12 20 0.25 1 9.1 30 600 0.077 MMSZ5243 H3 13 9.5 0.25 0.5 9.9 13 600 0.079 MMSZ5244 H4 14 9 0.25 0.1 10 15 600 0.082 MMSZ5245 H5 15 8.5 0.25 0.1 11 16 600 0.082 MMSZ5246 J1 16 7.8 0.25 0.1 12 17 600 0.083 MMSZ5247 J2 17 7.4 0.25 0.1 13 19 600 0.084 MMSZ5248 J3 18 7 0.25 0.1 14 21 600 0.085 MMSZ5249 J4 19 6.6 0.25 0.1 14 23 600 0.086 MMSZ5250 J5 20 6.2 0.25 0.1 15 25 600 0.086 MMSZ5251 K1 22 5.6 0.25 0.1 17 29 600 0.087 MMSZ5252 K2 24 5.2 0.25 0.1 18 33 600 0.087 MMSZ5253 K3 25 5 0.25 0.1 19 35 600 0.089 MMSZ5254 K4 27 4.6 0.25 0.1 21 41 600 0.09 MMSZ5255 K5 28 4.5 0.25 0.1 21 44 600 0.091 MMSZ5256 M1 30 4.2 0.25 0.1 23 49 600 0.091 MMSZ5257 M2 33 3.8 0.25 0.1 25 58 700 0.092 MMSZ5258 M3 36 3.4 0.25 0.1 27 70 700 0.093 MMSZ5259 M4 39 3.2 0.25 0.1 30 80 800 0.094 MMSZ5260 M5 43 3 0.25 0.1 33 93 900 0.095 MMSZ5261 N1 47 2.7 0.25 0.1 36 105 1000 0.095 MMSZ5262 N2 51 2.5 0.25 0.1 39 125 1100 0.096 MMSZ5263 N3 56 2.2 0.25 0.1 43 150 1300 0.096 MMSZ5264 N4 60 2.1 0.25 0.1 46 170 1400 0.097 MMSZ5265 N5 62 2 0.25 0.1 47 185 1400 0.097 MMSZ5266 P1 68 1.8 0.25 0.1 52 230 1600 0.097 MMSZ5267 P2 75 1.7 0.25 0.1 56 270 1700 0.098 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |