| Electronic Components Datasheet Search |
|
702 Marking, 2N7002 Datasheet(PDF) 1 Page - Central Semiconductor Corp |
|
||||||||||||||||||||||||||||||
2N7002 Datasheet(HTML) 1 Page - Central Semiconductor Corp |
|
1 / 2 page ![]() 56 Central Central Central Central Central Semiconductor Corp. Semiconductor Corp. Semiconductor Corp. Semiconductor Corp. Semiconductor Corp. TM SOT-23 CASE DESCRIPTION: The CENTRAL SEMICONDUCTOR 2N7002 type is a N-Channel Field Effect Transistor, manufactured by the N-Channel DMOS Process, designed for high speed pulsed amplifier and driver applications. Marking Code is 702. MAXIMUM RATINGS (TA=25 oC) SYMBOL UNITS Drain-Source Voltage VDS 60 V Drain-Gate Voltage VDG 60 V Gate-Source Voltage VGS 40 V Continuous Drain Current (TC=25 oC) ID 115 mA Continuous Drain Current (TC=100 oC) ID 75 mA Continuous Source Current (Body Diode) IS 115 mA Maximum Pulsed Drain Current IDM 800 mA Maximum Pulsed Source Current ISM 800 mA Power Dissipation PD 350 mW Operating and Storage Junction Temperature TJ,Tstg -55 to +150 oC Thermal Resistance ΘJA 357 oC/W ELECTRICAL CHARACTERISTICS (TA=25 oC unless otherwise noted) SYMBOL TEST CONDITIONS MIN TYP MAX UNITS IGSSF VGS=20V 100 nA IGSSR VGS=-20V -100 nA IDSS VDS=60V, VGS=0 1.0 µA IDSS VDS=60V, VGS=0, TA=125 oC 500 µA ID(ON) VDS ≥ 2VDS(ON), VGS=10V 500 mA BVDSS ID=10µA 60 105 V VGS(th) VDS=VGS, ID=250µA 1.0 2.1 2.5 V VDS(ON) VGS=10V, ID=500mA 3.75 V VDS(ON) VGS=5.0V, ID=50mA 1.5 V rDS(ON) VGS=10V, ID=500mA 3.7 7.5 Ω 2N7002 N-CHANNEL ENHANCEMENT-MODE MOSFET |
Similar Description - 2N7002 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |