Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

702 Marking, 2N7002 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 2N7002
Description  N-CHANNEL ENHANCEMENT-MODE MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N7002 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  2N7002 Datasheet HTML 1Page - Central Semiconductor Corp 2N7002 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R2
57
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
rDS(ON)
VGS=10V, ID=500mA, TA=100
oC
13.5
Ω
rDS(ON)
VGS=5.0V, ID=50mA
6.2
7.5
Ω
rDS(ON)
VGS=5.0V, ID=50mA, TA=100
oC
13.5
Ω
gFS
VDS ≥ 2VDS(ON), ID=200mA
80
mmhos
Crss
VDS=25V, VGS=0, f=1.0MHz
5.0
pF
Ciss
VDS=25V, VGS=0, f=1.0MHz
50
pF
Coss
VDS=25V, VGS=0, f=1.0MHz
25
pF
ton
VDD=30V, ID=10V, RG=25Ω, RL=25Ω
20
ns
toff
VDD=30V, ID=10V, RG=25Ω, RL=25Ω
20
ns
VSD
VGS=0V, IS=11.5mA
-1.5
V
All dimensions in inches (mm).
LEAD CODE:
1) GATE
2) SOURCE
3) DRAIN
R1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com