| Electronic Components Datasheet Search |
|
Z9 Marking, SST309 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
||||||||||||||||||||||||||||||
SST309 Datasheet(HTML) 1 Page - Vishay Siliconix |
|
1 / 8 page ![]() J/SST/U308 Series Vishay Siliconix Document Number: 70237 S-50149—Rev. H, 24-Jan-05 www.vishay.com 1 N-Channel JFETs J308 SST308 U309 J309 SST309 U310 J310 SST310 PRODUCT SUMMARY Part Number VGS(off) (V) V(BR)GSS Min (V) gfs Min (mS) IDSS Min (mA) J308 −1 to −6.5 −25 8 12 J309 −1 to −4 −25 10 12 J310 −2 to −6.5 −25 8 24 SST308 −1 to −6.5 −25 8 12 SST309 −1 to −4 −25 10 12 SST310 −2 to −6.5 −25 8 24 U309 −1 to −4 −25 10 12 U310 −2.5 to −6 −25 10 24 FEATURES BENEFITS APPLICATIONS D Excellent High Frequency Gain: Gps 11.5 dB @ 450 MHz D Very Low Noise: 2.7 dB @ 450 MHz D Very Low Distortion D High ac/dc Switch Off-Isolation D Wideband High Gain D Very High System Sensitivity D High Quality of Amplification D High-Speed Switching Capability D High Low-Level Signal Amplification D High-Frequency Amplifier/Mixer D Oscillator D Sample-and-Hold D Very Low Capacitance Switches DESCRIPTION The J/SST/U308 series offers superb amplification characteristics. Of special interest is its high-frequency performance. Even at 450 MHz, this series offers high power gain at low noise. Low-cost J series TO-226AA (TO-92) packaging supports automated assembly with tape-and-reel options. The SST series TO-236 (SOT-23) package provides surface-mount capabilities and is available with tape-and-reel options. The U series hermetically-sealed TO-206AC (TO-52) package supports full military processing. (See Military and Packaging Information for further details.) For similar dual products packaged in the TO-78, see the U430/431 data sheet. D S G TO-236 (SOT-23) 2 3 1 TO-226AA (TO-92) Top View J308 J309 J310 D G S 1 2 3 Top View SST308 (Z8)* SST309 (Z9)* SST310 (Z0)* *Marking Code for TO-236 Top View U309 U310 G and Case TO-206AC (TO-52) D S 1 23 For applications information see AN104. |
Similar Description - SST309 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |