| Electronic Components Datasheet Search |
|
Z9 Marking, SST309 Datasheet(PDF) 3 Page - Vishay Siliconix |
|
||||||||||||||||||||||||||||||
SST309 Datasheet(HTML) 3 Page - Vishay Siliconix |
|
3 / 8 page ![]() J/SST/U308 Series Vishay Siliconix Document Number: 70237 S-50149—Rev. H, 24-Jan-05 www.vishay.com 3 SPECIFICATIONS FOR U309 AND U310 (TA = 25_C UNLESS NOTED) Limits U309 U310 Parameter Symbol Test Conditions Typa Min Max Min Max Unit Static Gate-Source Breakdown Voltage V(BR)GSS IG = −1 mA , VDS = 0 V −35 −25 −25 V Gate-Source Cutoff Voltage VGS(off) VDS = 10 V, ID = 1 nA −1 −4 −2.5 −6 V Saturation Drain Currentb IDSS VDS = 10 V, VGS = 0 V 12 30 24 60 mA Gate Reverse Current IGSS VGS = −15 V, VDS = 0 V −0.002 −0.15 −0.15 nA Gate Reverse Current IGSS TA = 125_C −0.001 −0.15 −0.15 mA Gate Operating Current IG VDG = 9 V, ID = 10 mA −15 pA Drain-Source On-Resistance rDS(on) VGS = 0 V, ID = 1 mA 35 W Gate-Source Forward Voltage VGS(F) IG = 10 mA , VDS = 0 V 0.7 1 1 V Dynamic Common-Source Forward Transconductance gfs VDS = 10 V, ID = 10 mA 14 10 10 mS Common-Source Output Conductance gos VDS = 10 V, ID = 10 mA f = 1 kHz 110 250 250 mS Common-Source Input Capacitance Ciss VDS = 10 V, VGS = −10 V 4 5 5 pF Common-Source Reverse Transfer Capacitance Crss VDS = 10 V, VGS = −10 V f = 1 MHz 1.9 2.5 2.5 pF Equivalent Input Noise Voltage en VDS = 10 V, ID = 10 mA f = 100 Hz 6 nV⁄ √Hz High Frequency Common-Gate gf f = 105 MHz 14 Common-Gate Forward Transconductance gfg f = 450 MHz 13 mS Common-Gate g f = 105 MHz 0.16 mS Common-Gate Output Conductance gog VDS = 10 V f = 450 MHz 0.55 Common Gate Power Gainc, d G VDS = 10 V ID = 10 mA f = 105 MHz 16 14 14 Common-Gate Power Gainc, d Gpg f = 450 MHz 11.5 10 10 dB Noise Figured NF f = 105 MHz 1.5 2 2 dB Noise Figured NF f = 450 MHz 2.7 3.5 3.5 Notes a. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. NZB b. Pulse test: PW v300 ms duty cycle v3%. c. Gain (Gpg) measured at optimum input noise match. d. Not a production test. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |