| Electronic Components Datasheet Search |
|
A6 Marking, MIC803-40D4VC3 Datasheet(PDF) 5 Page - Micrel Semiconductor |
|
||||||||||||||||||||||||||||||
MIC803-40D4VC3 Datasheet(HTML) 5 Page - Micrel Semiconductor |
|
5 / 12 page ![]() Micrel, Inc. MIC803 August 3, 2015 5 Revision 1.2 Absolute Maximum Ratings (4) Supply Voltage (VCC) ...................................... –0.3V to 6.0V Reset Output (/RESET).................................. –0.3V to 6.0V Input Current (VCC) ......................................................20mA Output Current (/RESET) ............................................20mA Rate of Rise (VCC) ................................................... 100V/µs Junction Temperature (TJ)…………………………....+150°C Lead Temperature (soldering, 10s)............................ 260°C Storage Temperature (TS).........................–65°C to +150°C ESD Rating (6).................................................................. 3kV Operating Ratings (5) Supply Voltage (VCC)........................................ 1.0V to 5.5V Reset Output Voltage (/RESET) ...................... 0.0V to 5.5V Junction Temperature (TJ) ........................ –40°C to +125°C Junction Thermal Resistance 3-Pin SC70 ( θ JA) .............................................. 260°C/W 3-Pin SOT-23 ( θ JA)........................................... 203°C/W Electrical Characteristics (7) For typical values, VCC = 5.0V for MIC803-46/44/41/40, VCC = 3.3V for MIC803-31/30/29, VCC = 3.0V for MIC803-26; TJ = 25°C, Bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted. Parameter Conditions Min. Typ. Max. Units Power Supply Input Operating Voltage Range (VCC) TJ = –40 ˚C to +85˚C 1.0 5.5 V TJ = –40 ˚C to +125˚C 1.2 5.5 Supply Current (ICC) TJ = –40 ˚C to +85˚C VCC = 5.5V, No Load 5.5 15 µA VCC = 3.6V, No Load 4.5 10 TJ = +85 ˚C to +125˚C VCC = 5.5V, No Load 18 VCC = 3.6V, No Load 13 Voltage Threshold Reset Threshold (VTH) MIC803-46 TJ = –40 ˚C to +85˚C 4.50 4.63 4.75 V TJ = –40 ˚C to +125˚C 4.44 4.82 MIC803-44 TJ = –40 ˚C to +85˚C 4.25 4.38 4.50 TJ = –40 ˚C to +125˚C 4.20 4.56 MIC803-41 TJ = –40 ˚C to +85˚C 4.00 4.10 4.20 TJ = -40 ˚C to +125˚C 3.97 4.24 MIC803-40 TJ = –40 ˚C to +85˚C 3.89 4.00 4.10 TJ = –40 ˚C to +125˚C 3.80 4.20 MIC803-31 TJ = –40 ˚C to +85˚C 3.00 3.08 3.15 TJ = –40 ˚C to +125˚C 2.95 3.21 Notes: 4. Exceeding the absolute maximum ratings may damage the device. 5. The device is not guaranteed to function outside its operating ratings. 6. Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k Ω in series with 100pF. 7. Specification for packaged product only. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |