| Electronic Components Datasheet Search |
|
A6 Marking, MIC803-40D4VC3 Datasheet(PDF) 2 Page - Micrel Semiconductor |
|
||||||||||||||||||||||||||||||
MIC803-40D4VC3 Datasheet(HTML) 2 Page - Micrel Semiconductor |
|
2 / 12 page ![]() Micrel, Inc. MIC803 August 3, 2015 2 Revision 1.2 Ordering Information (1) Part Number Marking (2) Nominal VTH (V) Minimum tRESET (3) (ms) Junction Temperature Range Package MIC803-46D2VC3 AS 4.63 20 –40° to +125°C SC70-3 MIC803-44D2VC3 AP 4.38 20 –40° to +125°C SC70-3 MIC803-41D2VC3 AK 4.10 20 –40° to +125°C SC70-3 MIC803-40D2VC3 A2 4.00 20 –40° to +125°C SC70-3 MIC803-31D2VC3 AG 3.08 20 –40° to +125°C SC70-3 MIC803-30D2VC3 AV 3.00 20 –40° to +125°C SC70-3 MIC803-29D2VC3 AD 2.93 20 –40° to +125°C SC70-3 MIC803-26D2VC3 AA 2.63 20 –40° to +125°C SC70-3 MIC803-46D3VC3 AT 4.63 140 –40° to +125°C SC70-3 MIC803-44D3VC3 AQ 4.38 140 –40° to +125°C SC70-3 MIC803-41D3VC3 AM 4.10 140 –40° to +125°C SC70-3 MIC803-40D3VC3 A5 4.00 140 –40° to +125°C SC70-3 MIC803-31D3VC3 A4 3.08 140 –40° to +125°C SC70-3 MIC803-30D3VC3 AX 3.00 140 –40° to +125°C SC70-3 MIC803-29D3VC3 AE 2.93 140 –40° to +125°C SC70-3 MIC803-26D3VC3 AB 2.63 140 –40° to +125°C SC70-3 MIC803-46D4VC3 AU 4.63 1120 –40° to +125°C SC70-3 MIC803-44D4VC3 AR 4.38 1120 –40° to +125°C SC70-3 MIC803-41D4VC3 AN 4.10 1120 –40° to +125°C SC70-3 MIC803-40D4VC3 A6 4.00 1120 –40° to +125°C SC70-3 MIC803-31D4VC3 AJ 3.08 1120 –40° to +125°C SC70-3 MIC803-30D4VC3 AZ 3.00 1120 –40° to +125°C SC70-3 MIC803-29D4VC3 A3 2.93 1120 –40° to +125°C SC70-3 MIC803-26D4VC3 AC 2.63 1120 –40° to +125°C SC70-3 MIC803-46D2VM3 AS 4.63 20 –40° to +125°C SOT23-3 MIC803-44D2VM3 AP 4.38 20 –40° to +125°C SOT23-3 MIC803-41D2VM3 AK 4.10 20 –40° to +125°C SOT23-3 MIC803-40D2VM3 A2 4.00 20 –40° to +125°C SOT23-3 MIC803-31D2VM3 AG 3.08 20 –40° to +125°C SOT23-3 MIC803-30D2VM3 AV 3.00 20 –40° to +125°C SOT23-3 MIC803-29D2VM3 AD 2.93 20 –40° to +125°C SOT23-3 MIC803-26D2VM3 AA 2.63 20 –40° to +125°C SOT23-3 MIC803-46D3VM3 AT 4.63 140 –40° to +125°C SOT23-3 Note: 1. All devices available in tape and reel only. (Order entry PN, add TR. Example: MIC803-26D4VM3 TR) Standard/full reel quantity is 3,000 pieces. Reel diameter is 7 inches. Hub diameter is 2 inches. Width is 8mm. 2. Underbar symbol (_) may not be to scale. 3. –40° to +85°C temperature range. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |