Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

A3 Marking, EMA3 Datasheet(PDF) 2 Page - Rohm

Part # EMA3
Description  Emitter common Dual digital transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMA3 Datasheet(HTML) 2 Page - Rohm

  EMA3 Datasheet HTML 1Page - Rohm EMA3 Datasheet HTML 2Page - Rohm EMA3 Datasheet HTML 3Page - Rohm EMA3 Datasheet HTML 4Page - Rohm EMA3 Datasheet HTML 5Page - Rohm EMA3 Datasheet HTML 6Page - Rohm EMA3 Datasheet HTML 7Page - Rohm EMA3 Datasheet HTML 8Page - Rohm EMA3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EMA3 / UMA3N / FMA3A
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
<For DTr1 and DTr2 in common>
Parameter
Symbol
Values
Unit
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-50
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-100
mA
Power dissipation
EMA3
PD*1*2
150
mW/Total
UMA3N
PD*1*2
150
FMA3A
PD*1*3
300
Junction temperature
Tj
150
℃
Range of storage temperature
Tstg
-55 to +150
℃
l
lElectrical characteristics (Ta = 25°C)
<For DTr1 and DTr2 in common>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Collector-base breakdown
voltage
BVCBO
IC = -50μA
-50
-
-
V
Collector-emitter breakdown
voltage
BVCEO
IC = -1mA
-50
-
-
V
Emitter-base breakdown voltage
BVEBO
IE = -50μA
-5
-
-
V
Collector cut-off current
ICBO
VCB = -50V
-
-
-500
nA
Emitter cut-off current
IEBO
VEB = -4V
-
-
-500
nA
Collector-emitter saturation voltage
VCE(sat)
IC = -5mA, IB = -0.25mA
-
-
-300
mV
DC current gain
hFE
VCE = -5V, IC = -1mA
100
250
600
-
Input resistance
R1
-
3.29
4.7
6.11
kΩ
Transition frequency
fT*4
VCE = -10V, IE = 5mA,
f = 100MHz
-
250
-
MHz
*1 Each terminal mounted on a reference land.
*2 120mW per element must not be exceeded.
*3 200mW per element must not be exceeded.
*4 Characteristics of built-in transistor.
                                            
 
                                        
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
2/6
20151019 - Rev.002



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com