| Electronic Components Datasheet Search |
|
A3 Marking, EMA3 Datasheet(PDF) 1 Page - Rohm |
|
||||||||||||||||||||||||||||||
EMA3 Datasheet(HTML) 1 Page - Rohm |
|
1 / 10 page ![]() EMA3 / UMA3N / FMA3A Emitter common(dual digital transistor) Datasheet l lOutline Parameter DTr1 and DTr2 SOT-553 SOT-353 VCEO -50V IC -100mA R1 4.7kΩ EMA3 UMA3N (EMT5) (UMT5) SOT-25 l lFeatures 1)Two DTA143T chips in a EMT or UMT or SMT package. 2)Mounting cost and area can be cut in half. FMA3A (SMT5) l lInner circuit EMA3 / UMA3N FMA3A l lApplication INVERTER, INTERFACE, DRIVER l lPackaging specifications Part No. Package Package size Taping code Reel size (mm) Tape width (mm) Basic ordering unit.(pcs) Marking EMA3 SOT-553 (EMT5) 1616 T2R 180 8 8000 A3 UMA3N SOT-353 (UMT5) 2021 TR 180 8 3000 A3 FMA3A SOT-25 (SMT5) 2928 T148 180 8 3000 A3 www.rohm.com © 2015 ROHM Co., Ltd. All rights reserved. 1/6 20151019 - Rev.002 |
Similar Description - EMA3 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |