| Electronic Components Datasheet Search |
|
D4 Marking, EMD4 Datasheet(PDF) 2 Page - Rohm |
|
||||||||||||||||||||||||||||||
EMD4 Datasheet(HTML) 2 Page - Rohm |
|
2 / 12 page ![]() EMD4 / UMD4N Datasheet l lAbsolute maximum ratings (Ta = 25°C) Parameter Symbol DTr1(NPN) DTr2(PNP) Unit Supply voltage VCC 50 -50 V Input voltage VIN -10 to 40 -40 to 6 V Output current IO 30 -70 mA Collector current IC(MAX)*1 100 -100 mA Power dissipation EMD4/ UMD4N PD*2*3 150 mW/Total Junction temperature Tj 150 ℃ Range of storage temperature Tstg -55 to +150 ℃ l lElectrical characteristics (Ta = 25°C) <For DTr1(NPN)> Parameter Symbol Conditions Values Unit Min. Typ. Max. Input voltage VI(off) VCC = 5V, IO = 100μA - - 0.5 V VI(on) VO = 0.3V, IO = 2mA 3.0 - - Output voltage VO(on) IO = 10mA, II = 0.5mA - 100 300 mV Input current II VI = 5V - - 180 μA Output current IO(off) VCC = 50V, VI = 0V - - 500 nA DC current gain GI VO = 5V, IO = 5mA 68 - - - Input resistance R1 - 32.9 47 61.1 kΩ Resistance ratio R2/R1 - 0.8 1.0 1.2 - Transition frequency fT*1 VCE = 10V, IE = -5mA, f = 100MHz - 250 - MHz l lElectrical characteristics (Ta = 25°C) <For DTr2(PNP)> Parameter Symbol Conditions Values Unit Min. Typ. Max. Input voltage VI(off) VCC = -5V, IO = -100μA - - -0.3 V VI(on) VO = -0.3V, IO = -1mA -1.4 - - Output voltage VO(on) IO = -5mA, II = -0.25mA - -100 -300 mV Input current II VI = -5V - - -880 μA Output current IO(off) VCC = -50V, VI = 0V - - -500 nA DC current gain GI VO = -5V, IO = -5mA 68 - - - Input resistance R1 - 7 10 13 kΩ Resistance ratio R2/R1 - 3.7 4.7 5.7 - Transition frequency fT*1 VCE = -10V, IE = 5mA, f = 100MHz - 250 - MHz *1 Characteristics of built-in transistor. *2 Each terminal mounted on a reference land. *3 120mW per element must not be exceeded. www.rohm.com © 2015 ROHM Co., Ltd. All rights reserved. 2/8 20151214 - Rev.002 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |