| Electronic Components Datasheet Search |
|
D4 Marking, EMD4 Datasheet(PDF) 1 Page - Rohm |
|
||||||||||||||||||||||||||||||
EMD4 Datasheet(HTML) 1 Page - Rohm |
|
1 / 12 page ![]() EMD4 / UMD4N General purpose (dual digital transistor) Datasheet <For DTr1(NPN)> l lOutline Parameter Value SOT-563 SOT-363 VCC 50V IC(MAX.) 100mA R1 47kΩ EMD4 UMD4N R2 47kΩ (EMT6) (UMT6) <For DTr2(PNP)> Parameter Value VCC -50V IC(MAX.) -100mA R1 10kΩ R2 47kΩ l lFeatures l lInner circuit 1)Both the DTA114Y chip and DTC144E chip in an EMT6 or UMT6 package. 2)Mounting possible with EMT3 or UMT3 automatic mounting machines. 3)Transistor elements are independent, eliminating interference. 4)Mounting cost and area can be cut in half. l lApplication INVERTER, TERFACE, DRIVER l lPackaging specifications Part No. Package Package size Taping code Reel size (mm) Tape width (mm) Basic ordering unit.(pcs) Marking EMD4 SOT-563 (EMT6) 1616 T2R 180 8 8000 D4 UMD4N SOT-363 (UMT6) 2021 TR 180 8 3000 D4 www.rohm.com © 2015 ROHM Co., Ltd. All rights reserved. 1/8 20151214 - Rev.002 |
Similar Description - EMD4 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |