| Electronic Components Datasheet Search |
|
Z9 Marking, PDZ5.6B Datasheet(PDF) 2 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
PDZ5.6B Datasheet(HTML) 2 Page - NXP Semiconductors |
|
2 / 9 page ![]() 2004 Mar 22 2 NXP Semiconductors Product data sheet Voltage regulator diodes PDZ-B series FEATURES • Total power dissipation: max. 400 mW • Small plastic package suitable for surface mounted design • Wide variety of voltage ranges: nominal 2.4 to 36 V (E24 range) • Tolerance approximately ±2%. APPLICATIONS • General voltage regulation. DESCRIPTION Low-power general purpose voltage regulator diodes in a small plastic SMD SOD323 (SC-76) package. PINNING PIN DESCRIPTION 1 cathode 2 anode Fig.1 Simplified outline (SOD323; SC-76) and symbol. handbook, halfpage ; ; 12 Top view MAM387 The marking bar indicates the cathode. MARKING ORDERING INFORMATION TYPE NUMBER MARKING CODE TYPE NUMBER MARKING CODE TYPE NUMBER MARKING CODE TYPE NUMBER MARKING CODE PDZ2.4B Z0 PDZ5.1B Z8 PDZ11B ZG PDZ24B ZQ PDZ2.7B Z1 PDZ5.6B Z9 PDZ12B ZH PDZ27B ZR PDZ3.0B Z2 PDZ6.2B ZA PDZ13B ZJ PDZ30B ZS PDZ3.3B Z3 PDZ6.8B ZB PDZ15B ZK PDZ33B ZT PDZ3.6B Z4 PDZ7.5B ZC PDZ16B ZL PDZ36B ZU PDZ3.9B Z5 PDZ8.2B ZD PDZ18B ZM PDZ4.3B Z6 PDZ9.1B ZE PDZ20B ZN PDZ4.7B Z7 PDZ10B ZF PDZ22B ZP TYPE NUMBER PACKAGE NAME DESCRIPTION VERSION PDZ2.4B to PDZ36B − plastic surface mounted package; 2 leads SOD323 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |