| Electronic Components Datasheet Search |
|
Z9 Marking, PDZ5.6B Datasheet(PDF) 3 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
PDZ5.6B Datasheet(HTML) 3 Page - NXP Semiconductors |
|
3 / 9 page ![]() 2004 Mar 22 3 NXP Semiconductors Product data sheet Voltage regulator diodes PDZ-B series LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). Note 1. Device mounted on a printed-circuit board measuring 11 × 25 × 1.6 mm. THERMAL CHARACTERISTICS Note 1. Device mounted on a printed-circuit board measuring 11 × 25 × 1.6 mm. SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT IF continuous forward current − 200 mA IZSM non-repetitive peak reverse current tp = 100 μs; square wave; Tamb = 25 °C prior to surge see Table 2 Ptot total power dissipation Tamb = 25 °C; note 1; see Fig.2 − 400 mW Tstg storage temperature −65 +150 °C Tj junction temperature − 150 °C SYMBOL PARAMETER CONDITIONS VALUE UNIT Rth(j-s) thermal resistance from junction to soldering point 130 K/W Rth(j-a) thermal resistance from junction to ambient note 1 340 K/W |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |