Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9260AS Datasheet(PDF) 14 Page - Analog Devices

Part # AD9260AS
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260AS Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9260AS Datasheet HTML 10Page - Analog Devices AD9260AS Datasheet HTML 11Page - Analog Devices AD9260AS Datasheet HTML 12Page - Analog Devices AD9260AS Datasheet HTML 13Page - Analog Devices AD9260AS Datasheet HTML 14Page - Analog Devices AD9260AS Datasheet HTML 15Page - Analog Devices AD9260AS Datasheet HTML 16Page - Analog Devices AD9260AS Datasheet HTML 17Page - Analog Devices AD9260AS Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
AD9260
Rev. C | Page 13 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD9260
12
13
14
15
16
17
18
19
2 0
21
22
3
4
5
6
7
1
2
10
11
8
9
40
39
38
41
42
43
44
36
35
34
37
29
30
31
32
27
28
25
26
23
24
33 REFCOM
VREF
SENSE
RESET
AVSS
AVDD
CS
DVSS
AVSS
DVDD
AVDD
DRVSS
DRVDD
CLK
READ
(LSB) BIT16
BIT15
BIT14
DAV
OTR
BIT1 (MSB)
BIT2
NC = NO CONNECT
Figure 10. Pin Configuration
Table 11. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DVSS
Digital Ground.
2, 29, 38
AVSS
Analog Ground.
3
DVDD
+3 V to +5 V Digital Supply.
4, 28, 44
AVDD
+5 V Analog Supply.
5
DRVSS
Digital Output Driver Ground.
6
DRVDD
+3 V to +5 V Digital Output Driver Supply.
7
CLK
Clock Input.
8
READ
Part of DSP Interface—Pull Low to Disable Output Bits.
9
BIT16
Least Significant Data Bit (LSB).
10–23
BIT15–BIT2
Data Output Bit.
24
BIT1
Most Significant Data Bit (MSB).
25
OTR
Out of Range—Set When Converter or Filter Overflows.
26
DAV
Data Available.
27
CS
Chip Select (CS): Active LOW.
30
RESET
RESET: Active LOW.
31
SENSE
Reference Amplifier SENSE: Selects REF Level.
32
VREF
Input Span Select Reference I/O.
33
REFCOM
Reference Common.
34
MODE
Mode Select—Selects Decimation Mode.
35
BIAS
Power Bias.
36
CAPB
Noise Reduction Pin—Decouples Reference Level.
37
CAPT
Noise Reduction Pin—Decouples Reference Level.
39
CML
Common-Mode Level (AVDD/2.5).
40, 43
NC
No Connect (Ground for Shielding Purposes).
41
VINA
Analog Input Pin (+).
42
VINB
Analog Input Pin (–).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com