Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9260AS Datasheet(PDF) 24 Page - Analog Devices

Part # AD9260AS
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260AS Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9260AS Datasheet HTML 20Page - Analog Devices AD9260AS Datasheet HTML 21Page - Analog Devices AD9260AS Datasheet HTML 22Page - Analog Devices AD9260AS Datasheet HTML 23Page - Analog Devices AD9260AS Datasheet HTML 24Page - Analog Devices AD9260AS Datasheet HTML 25Page - Analog Devices AD9260AS Datasheet HTML 26Page - Analog Devices AD9260AS Datasheet HTML 27Page - Analog Devices AD9260AS Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
AD9260
Rev. C | Page 23 of 44
THEORY OF OPERATION
The AD9260 utilizes a new analog-to-digital converter
architecture to combine sigma-delta techniques with a high
speed, pipelined A/D converter. This topology allows the
AD9260 to offer the high dynamic range associated with sigma-
delta converters while maintaining very wide input signal
bandwidth (1.25 MHz) at a very modest 8 oversampling ratio.
Figure 59 provides a block diagram of the AD9260. The
differential analog input is fed into a second order, multibit
sigma-delta modulator. This modulator features a 5-bit flash
quantizer and 5-bit feedback. In addition, a 12-bit pipelined
A/D quantizes the input to the 5-bit flash to greater accuracy. A
special digital modulation loop combines the output of the 12-
bit pipelined A/D with the delayed output of the 5-bit flash to
produce the equivalent response of a second order loop with a
12-bit quantizer and 12-bit feedback. The combination of a
second order loop and multibit feedback provides inherent
stability: the AD9260 is not prone to the idle tones or full-scale
idiosyncrasies sometimes associated with higher order single bit
sigma-delta modulators.
The output of this 12-bit modulator is fed into the digital
decimation filter. The voltage level on the MODE pin
establishes the configuration for the digital filter. The user may
bring the data out undecimated (at the clock rate), or at a
decimation factor of 2×, 4×, or a full 8×. The spectra for these
four cases are shown in Figure 11, Figure 12, Figure 13, and
Figure 14, all for a 100 kHz full-scale input and 20 MHz clock.
The spectra of the undecimated output clearly shows the second
order shaping characteristic of the quantization noise as it rises
at frequencies above 1.25 MHz.
The on-chip decimation filter provides excellent stopband
rejection to suppress any stray input signal between 1.25 MHz
and 18.75 MHz, substantially easing the requirements on any
antialiasing filter for the analog input path. The decimation
filters are integrated with symmetric FIR filter structures,
providing a linear phase response and excellent passband
flatness. The digital output driver register of the AD9260
features both READ and CHIP SELECT pins to allow easy
interfacing. The digital supply of the AD9260 is designed to
operate over a 2.7 V to 5.25 V supply range, though 3 V supplies
are recommended to minimize digital noise on the board. A
DATA AVAILABLE pin allows the user to easily synchronize to
the converter’s decimated output data rate. OUT-OF-RANGE
(OTR) indication is given for an overflow in the pipelined A/D
converter or digital filters. A RESETB function is provided to
synchronize the converter’s decimated data and clear any
overflow condition in the analog integrators.
An on-chip reference and reference buffer are included on the
AD9260. The reference can be configured in either a 2.5 V
mode (providing a 4 V p-p differential input full scale), a 1 V
mode (providing a 1.6 V p-p differential input full scale), or
programmed with an external resistor divider to provide any
voltage level between 1 V and 2.5 V. However, optimum noise
and distortion performance for the AD9260 can only be achieved
with a 2.5 V reference, as shown in Figure 52.
For users who want to operate the part at reduced clock
frequencies, the bias current of the AD9260 is designed to be
scalable. This scaling is accomplished through use of the proper
external resistor tied to the BIAS pin: the power can be reduced
roughly proportionately to clock frequency by as much as 75%
(for clock rates of 5 MHz). Refer to Figure 47 to Figure 49 and
Figure 53 to Figure 57 for characterization curves showing
performance tradeoffs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com