Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9260ASRL Datasheet(PDF) 11 Page - Analog Devices

Part # AD9260ASRL
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260ASRL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9260ASRL Datasheet HTML 7Page - Analog Devices AD9260ASRL Datasheet HTML 8Page - Analog Devices AD9260ASRL Datasheet HTML 9Page - Analog Devices AD9260ASRL Datasheet HTML 10Page - Analog Devices AD9260ASRL Datasheet HTML 11Page - Analog Devices AD9260ASRL Datasheet HTML 12Page - Analog Devices AD9260ASRL Datasheet HTML 13Page - Analog Devices AD9260ASRL Datasheet HTML 14Page - Analog Devices AD9260ASRL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
AD9260
Rev. C | Page 10 of 44
INPUT CLOCK
RESET
DAV
tRES-DAV
tCLK-DAV
Figure 9. RESET Timing Diagram
SWITCHING SPECIFICATIONS
AVDD = +5 V, DVDD = +5 V, CL = 20 pF, TMIN to TMAX unless otherwise noted.
Table 9.
Parameters
Symbol
AD9260
Unit
Clock Period
tC
50
ns min
Data Available (DAV) Period
tDAV
tC ×Mode
ns min
Data Invalid
tDI
40% tDAV
ns max
Data Set-Up Time
tDS
tDAV –tH –tDI
ns min
Clock Pulse-Width High
tCH
22.5
ns min
Clock Pulse-Width Low
tCL
22.5
ns min
Data Hold Time
tH
3.5
ns min
RESET to DAV Delay
tRES–DAV
10
ns typ
CLOCK to DAV Delay
tCLK–DAV
15
ns typ
Three-State Output Disable Time
tOD
8
ns typ
Three-State Output Enable Time
tOE
45
ns typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com