Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9260ASRL Datasheet(PDF) 17 Page - Analog Devices

Part # AD9260ASRL
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260ASRL Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9260ASRL Datasheet HTML 13Page - Analog Devices AD9260ASRL Datasheet HTML 14Page - Analog Devices AD9260ASRL Datasheet HTML 15Page - Analog Devices AD9260ASRL Datasheet HTML 16Page - Analog Devices AD9260ASRL Datasheet HTML 17Page - Analog Devices AD9260ASRL Datasheet HTML 18Page - Analog Devices AD9260ASRL Datasheet HTML 19Page - Analog Devices AD9260ASRL Datasheet HTML 20Page - Analog Devices AD9260ASRL Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
AD9260
Rev. C | Page 16 of 44
TYPICAL AC CHARACTERIZATION CURVES FOR 8× MODE
AVDD = DVDD = DRVDD = +5 V, 4 V Input Span, Differential DC Coupled Input with CML = 2 V, Full Bias.
60
65
70
75
80
85
90
INPUT FREQUENCY (MHz)
0.1
1.0
–6.0dBFS
–0.5dBFS
–20dBFS
Figure 23. SINAD vs. Input Frequency (fCLOCK = 20 MSPS) SINAD performance
limited by noise contribution of input differential op amp driver.
–110
–105
–100
–95
–90
–85
–80
–75
–70
INPUT FREQUENCY (MHz)
0.1
1.0
–6.0dBFS
–0.5dBFS
–20dBFS
Figure 24. THD vs. Input Frequency (fCLOCK = 20 MSPS)
80
85
90
95
100
105
INPUT FREQUENCY (MHz)
0.1
1.0
–6.0dBFS
–0.5dBFS
–20dBFS
Figure 25. SFDR vs. Input Frequency (fCLOCK = 20 MSPS)
60
65
70
75
80
85
90
INPUT FREQUENCY (MHz)
0.1
1.0
–6.0dBFS
–0.5dBFS
–20dBFS
Figure 26. SINAD vs. Input Frequency (fCLOCk- = 10 MSPS)
–105
–100
–95
–90
–85
–80
–75
–70
INPUT FREQUENCY (MHz)
0.1
1.0
–6.0dBFS
–0.5dBFS
–20dBFS
Figure 27. THD vs. Input Frequency (fCLOCK = 10 MSPS)
80
85
90
95
100
105
INPUT FREQUENCY (MHz)
0.1
1.0
–6.0dBFS
–0.5dBFS
–20dBFS
Figure 28. SFDR vs. Input Frequency (fCLOCK = 10 MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com