Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA16202 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA16202
Description  Gabriella Assembly
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA16202 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA16202 Datasheet HTML 1Page - Ledil, Inc. CA16202 Datasheet HTML 2Page - Ledil, Inc. CA16202 Datasheet HTML 3Page - Ledil, Inc. CA16202 Datasheet HTML 4Page - Ledil, Inc. CA16202 Datasheet HTML 5Page - Ledil, Inc. CA16202 Datasheet HTML 6Page - Ledil, Inc. CA16202 Datasheet HTML 7Page - Ledil, Inc. CA16202 Datasheet HTML 8Page - Ledil, Inc. CA16202 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
PRODUCT DATASHEET
Gabriella series
last update 14/10/2017
DETAILS
Product Number
CA16202_GABRIELLA-MIDI-S
Family
Gabriella
Type
Assembly
Color
black
Diameter
37,8 mm
Height
24,08 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape, pin
Status
production ready
ROHS Compliant
Yes
Date Updated
14/10/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XT-E
sim: 10
Spot
sim: 91 % sim: 24.060 -
LUXEON Z RGB
sim: 11
Spot
sim: 91 % sim: 21.000 -
LUXEON 5050
14 deg
Spot
91 %
12.600
-
LUXEON V
11 deg
Spot
89 %
15.500
-
OSTAR Stage (S2WP)
10 deg
Spot
91 %
22.000
-
Oslon Square Gen3
sim: 10
Spot
sim: 93 % sim: 25.260 -
Duris S8
sim: 14
Spot
sim: 92 % sim: 13.500 -
OSCONIQ P 3737 (2W version)
sim: 10
Spot
sim: 94 % sim: 25.690 -
LH351B
sim: 11
Spot
sim: 93 % sim: 21.670 -
Z5M1/Z5M2
sim: 10
Spot
sim: 93 % sim: 25.780 -
January 25th 2018 8:11 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA16202

ManufacturerPart #DatasheetDescription
logo
Intelligent LED Solutio...
CA16202_GABRIELLA-MIDI-S ILS-CA16202_GABRIELLA-MIDI-S Datasheet
1Mb / 9P
1 OSLON® Square Large Lens High CRI
Version V3 uly 2019
More results

Similar Description - CA16202

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
SIP5 LSI-SIP5 Datasheet
37Kb / 2P
LSI Assembly
logo
Rohm
HQFN36V ROHM-HQFN36V Datasheet
38Kb / 2P
LSI Assembly
QFP32 ROHM-QFP32 Datasheet
38Kb / 2P
LSI Assembly
QFP80 ROHM-QFP80 Datasheet
43Kb / 2P
LSI Assembly
QFP120 ROHM-QFP120 Datasheet
41Kb / 2P
LSI Assembly
QFP-A64 ROHM-QFP-A64 Datasheet
39Kb / 2P
LSI Assembly
SOP14 ROHM-SOP14 Datasheet
35Kb / 2P
LSI Assembly
SQFP56 ROHM-SQFP56 Datasheet
40Kb / 2P
LSI Assembly
logo
Cree, Inc
CX15577 CREE-CX15577 Datasheet
720Kb / 9P
Gabriella series
logo
Ledil, Inc.
CN16208 LEDIL-CN16208 Datasheet
1Mb / 12P
Gabriella Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com