Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA16202 Datasheet(PDF) 5 Page - Ledil, Inc.

Part # CA16202
Description  Gabriella Assembly
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA16202 Datasheet(HTML) 5 Page - Ledil, Inc.

  CA16202 Datasheet HTML 1Page - Ledil, Inc. CA16202 Datasheet HTML 2Page - Ledil, Inc. CA16202 Datasheet HTML 3Page - Ledil, Inc. CA16202 Datasheet HTML 4Page - Ledil, Inc. CA16202 Datasheet HTML 5Page - Ledil, Inc. CA16202 Datasheet HTML 6Page - Ledil, Inc. CA16202 Datasheet HTML 7Page - Ledil, Inc. CA16202 Datasheet HTML 8Page - Ledil, Inc. CA16202 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1
SHEET
4/4
SIZE
A3
PRODUCT
FIRST ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
MECHANICAL DRAWING
GABRIELLA-MIDI
1. Place holder on PCB using the holder location pins as guide
elements. Holder is fixed either by with on-board PU-tape or M3
screw with max 0.6Nm torgue.
2. Place lens support features into relative holes in the
holder, please note that the location pins on the lens goes
through the PCB.
3.Press optic until 4 clips each locked.
Clip (x4)
Lens support (x2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com