Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP321-2 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP321-2
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP321-2 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP321-2 Datasheet HTML 1Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 2Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 3Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 4Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 5Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 6Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 7Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 8Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLP321,TLP321-2,TLP321-4
2002-09-25
7
50
∆VF /∆Ta – IF
-0.4
0.1
-2.8
-2.4
-2.0
-1.6
-1.2
-0.8
0.3
1
3
10
30
0.5
5
Forward current IF (mA)
ID – Ta
Ambient temperature Ta (°C)
10
1
0
10
0
10
-1
10
-2
10
-3
10
-4
20
40
60
80
100
10
-5
10V
IF – VF
Forward voltage VF (V)
0.4
100
0.1
50
30
10
5
3
1
0.5
0.3
0.6
0.8
1.0
1.6
1.2
1.4
Ta = 25°C
IC – VCE
Collector-emitter voltage VCE (V)
0
40
50
30
20
10
6
8
10
4
2
0
Ta = 25°C
IF = 5mA
PC MAX.
10mA
15mA
20mA
30mA
50mA
IC – VCE
Collector-emitter voltage VCE (V)
0
40
50
30
20
10
0.8
1
0.4
0.2
0
0.6
Ta = 25°C
50mA
40mA
30mA
20mA
10mA
5mA
IF = 2mA
IFp – VFp
Pulse forward voltage VFP (V)
0
1000
1
500
300
100
50
30
10
5
3
0.4
0.8
1.2
Pulse width ≤10µs
Repetitive frequency
= 100Hz
Ta = 25°C
2.4
1.6
2.0
VCE=48V
24V
5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com