Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP321-2 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP321-2
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP321-2 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP321-2 Datasheet HTML 1Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 2Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 3Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 4Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 5Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 6Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 7Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 8Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP321,TLP321-2,TLP321-4
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo−Transistor
TLP321, TLP321-2, TLP321-4
Programmable Controllers
DC
−Output Module
Telecommunication
The TOSHIBA TLP321, −2 and −4 consist of a photo−transistor
optically coupled to a gallium arsenide infrared emitting diode.
The TLP321−2 offers two isolated channels in an eight lead plastic DIP
package, while the TLP321−4 provides four isolated channels in a
sixteen plastic DIP package.
TLP321 / −2 / −4 have high VCEO voltage (VCEO = 80V).
· Collector−emitter voltage: 80V (min.)
· Current transfer ratio: 50% (min.)
Rank GB: 100% (min.)
· Isolation voltage: 5000Vrms (min.)
· UL recognized: UL1577, file no. E67349
Pin Configurations (top view)
2
TLP321
1 : ANODE
2 : CATHODE
3 : EMITTER
4 : COLLECTOR
1
3
4
2
TLP321-2
1,3 : ANODE
2,4 : CATHODE
5,7 : EMITTER
6,8 : COLLECTOR
1
7
8
4
3
5
6
2
TLP321-4
1,3,5,7
: ANODE
2,4,6,8
: CATHODE
9,11,13,15 : EMITTER
10,12,14,16 : COLLECTOR
1
15
16
4
3
13
14
11
12
9
10
6
5
8
7
TOSHIBA
11−5B2
Weight: 0.26g
TOSHIBA
11−10C4
Weight: 0.54g
TOSHIBA
11−20A3
Weight: 1.1g
Unit in mm


Similar Part No. - TLP321-2

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
TLP321-2 ISOCOM-TLP321-2 Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Similar Description - TLP321-2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP628 TOSHIBA-TLP628 Datasheet
257Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP330 TOSHIBA-TLP330 Datasheet
163Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com