Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP321 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP321
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP321 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP321 Datasheet HTML 1Page - Toshiba Semiconductor TLP321 Datasheet HTML 2Page - Toshiba Semiconductor TLP321 Datasheet HTML 3Page - Toshiba Semiconductor TLP321 Datasheet HTML 4Page - Toshiba Semiconductor TLP321 Datasheet HTML 5Page - Toshiba Semiconductor TLP321 Datasheet HTML 6Page - Toshiba Semiconductor TLP321 Datasheet HTML 7Page - Toshiba Semiconductor TLP321 Datasheet HTML 8Page - Toshiba Semiconductor TLP321 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLP321,TLP321-2,TLP321-4
2002-09-25
6
TLP321-2
TLP321-4
IF – Ta
Ambient temperature Ta (°C)
80
0
-20
100
60
40
20
0
20
40
60
80
100
120
100
20
-20
120
80
60
40
20
60
80
100
120
40
0
0
Ambient temperature Ta (°C)
TLP321-2
TLP321-4
PC – Ta
TLP321
IFP – DR
Duty cycle ratio DR
3
10
3000
1000
500
300
100
50
30
10
-2
3
3
3
10
-3
10
-1
10
0
Pulse width ≤100µs
Ta = 25°C
TLP321-2
TLP321-4
IFP – DR
Duty cycle ratio DR
3
10
3000
1000
500
300
100
50
30
10
-2
3
3
3
10
-3
10
-1
10
0
Pulse width ≤100µs
Ta = 25°C
TLP321
PC – Ta
Ambient temperature Ta (°C)
-20
200
40
240
180
120
80
20
80
100
120
40
0
0
60
TLP321
IF – Ta
Ambient temperature Ta (°C)
0
80
0
-20
100
60
40
20
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com