Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT-210USD/NB Datasheet(PDF) 5 Page - Inolux Corporation

Part # HT-210USD/NB
Description  Harvatek Surface Mount LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-210USD/NB Datasheet(HTML) 5 Page - Inolux Corporation

  HT-210USD/NB Datasheet HTML 1Page - Inolux Corporation HT-210USD/NB Datasheet HTML 2Page - Inolux Corporation HT-210USD/NB Datasheet HTML 3Page - Inolux Corporation HT-210USD/NB Datasheet HTML 4Page - Inolux Corporation HT-210USD/NB Datasheet HTML 5Page - Inolux Corporation HT-210USD/NB Datasheet HTML 6Page - Inolux Corporation HT-210USD/NB Datasheet HTML 7Page - Inolux Corporation HT-210USD/NB Datasheet HTML 8Page - Inolux Corporation HT-210USD/NB Datasheet HTML 9Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Right Angle Bicolor LED 1204 (1204)
HT-210 Series
Official Product
Product: HT-210 Series
Data Sheet No.
Tentative Product
****************
HT-210 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 19, 2013
Version of 1.0
Page
5/21
Others:
Each immediate box consists of 5 reels. The 5 reels may not necessarily have the same lot number or the same
bin combinations of Iv,
λD and Vf. Each reel has a label identifying its specification; the immediate box consists
of a product label as well.
ATTENTION: Electrostatic Discharge (ESD) protection
The symbol to the left denotes that ESD precaution is needed. ESD protection for
GaP and AlGaAs based chips is necessary even though they are relatively safe in
the presence of low static-electric discharge. Parts built with AlInGaP, GaN, or/and
InGaN based chips are STATIC SENSITIVE devices. ESD precaution must be taken during
design and assembly.
If manual work or processing is needed, please ensure the device is adequately protected
from ESD during the process.
Compliance and Certified
ISO9002, QS9000 and ISO14001 Certified
RoHS Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com