Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT-210USD/NB Datasheet(PDF) 9 Page - Inolux Corporation

Part # HT-210USD/NB
Description  Harvatek Surface Mount LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-210USD/NB Datasheet(HTML) 9 Page - Inolux Corporation

Back Button HT-210USD/NB Datasheet HTML 5Page - Inolux Corporation HT-210USD/NB Datasheet HTML 6Page - Inolux Corporation HT-210USD/NB Datasheet HTML 7Page - Inolux Corporation HT-210USD/NB Datasheet HTML 8Page - Inolux Corporation HT-210USD/NB Datasheet HTML 9Page - Inolux Corporation HT-210USD/NB Datasheet HTML 10Page - Inolux Corporation HT-210USD/NB Datasheet HTML 11Page - Inolux Corporation HT-210USD/NB Datasheet HTML 12Page - Inolux Corporation HT-210USD/NB Datasheet HTML 13Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Right Angle Bicolor LED 1204 (1204)
HT-210 Series
Official Product
Product: HT-210 Series
Data Sheet No.
Tentative Product
****************
HT-210 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 19, 2013
Version of 1.0
Page
9/21
Product Characteristics
Absolute Maximum Ratings
Series
Color
Material
Pd
(mW)
IF
(mA)
IFP*
(mA)
VR (V)
TOP (oC)
TST (oC)
HT-210USD
Red
AlInGaP
72
30
100
5
-30
oC ~ +80oC
-40
oC ~ +85oC
HT-UYG
Ultra Bright
Yellow Green
AlInGaP
72
30
100
HT-210NB
Blue
InGaN
78
20
80
* Condition for IFP is pulse of 1/10 duty and 0.1msec width
Electro-Optical Characteristics
(Ta = 25 oC)
Product
Emission
Color
IF(m
A)
VF(V)
λ(nm)
I*V(mcd)
typ
max
λD
λP
△λ
typ
HT-210USD/UYG
Ultra Bright
Orange /
Ultra Bright
Yellow Green
20
1.9 / 2.0 2.4 / 2.4 622 / 573 636 / 574 17 / 20
180/71.5
HT-210USD/NB
Ultra Bright
Orange /
Blue
20
1.9 / 3.3 2.4 / 3.9 622 / 470 636 / 468 17 / 40
180/112.5
* Per NIST standards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com