Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWT6SC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LWT6SC
Description  Automotive Interior Lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWT6SC Datasheet(HTML) 1 Page - OSRAM GmbH

  LWT6SC Datasheet HTML 1Page - OSRAM GmbH LWT6SC Datasheet HTML 2Page - OSRAM GmbH LWT6SC Datasheet HTML 3Page - OSRAM GmbH LWT6SC Datasheet HTML 4Page - OSRAM GmbH LWT6SC Datasheet HTML 5Page - OSRAM GmbH LWT6SC Datasheet HTML 6Page - OSRAM GmbH LWT6SC Datasheet HTML 7Page - OSRAM GmbH LWT6SC Datasheet HTML 8Page - OSRAM GmbH LWT6SC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2013-12-05
1
2013-12-05
TOPLED
Datasheet
Version 3.0 (not for new design)
LW T6SC
TOPLED, SMT LED with integrated reflector. With our
great experience in SMT LED we are able to offer a
high quality product for all kind of applications.
TOPLED, SMT-LED mit integriertem Reflektor. Mit
unserer großen Erfahrung in SMT LED sind wir in der
Lage,ein qualitativ hochwertiges Produkt für alle Arten
von Anwendungen anzubieten.
Features:
Besondere Merkmale:
• Package: white PLCC-2 package, colored
diffused silicone resin
• Gehäusetyp: weisses PLCC-2 Gehäuse, farbiger
diffuser Silikon-Verguss
• Technology: InGaN
• Technologie: InGaN
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931
(white)
• Farbe: Cx = 0.33, Cy = 0.33 nach CIE 1931 (weiß)
Applications
Anwendungen
• Automotive Interior Lighting
• Automobilbeleuchtung innen
• Backlighting
• Hinterleuchtung
• Outdoor displays
• Informationsanzeigen im Außenbereich
• Signal and Symbol Luminary
• Signal- und Symbolleuchten
• Reading Lamps
• Leselampen


Similar Part No. - LWT6SC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWT6SG OSRAM-LWT6SG Datasheet
697Kb / 24P
Automotive Lighting Interior and Exterior
LWT6SG-V1AA-FKKL OSRAM-LWT6SG-V1AA-FKKL Datasheet
697Kb / 24P
Automotive Lighting Interior and Exterior
LWT6SG-V2BA-JKPL OSRAM-LWT6SG-V2BA-JKPL Datasheet
697Kb / 24P
Automotive Lighting Interior and Exterior
More results

Similar Description - LWT6SC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
Automotive Interior Lighting
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
Automotive Interior Lighting
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
Automotive Interior Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
Automotive Interior Lighting
LTTTSD OSRAM-LTTTSD Datasheet
737Kb / 22P
Automotive Interior Lighting
LYT670 OSRAM-LYT670 Datasheet
443Kb / 19P
Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com