Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWT6SC Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LWT6SC
Description  Automotive Interior Lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWT6SC Datasheet(HTML) 4 Page - OSRAM GmbH

  LWT6SC Datasheet HTML 1Page - OSRAM GmbH LWT6SC Datasheet HTML 2Page - OSRAM GmbH LWT6SC Datasheet HTML 3Page - OSRAM GmbH LWT6SC Datasheet HTML 4Page - OSRAM GmbH LWT6SC Datasheet HTML 5Page - OSRAM GmbH LWT6SC Datasheet HTML 6Page - OSRAM GmbH LWT6SC Datasheet HTML 7Page - OSRAM GmbH LWT6SC Datasheet HTML 8Page - OSRAM GmbH LWT6SC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2013-12-05
4
Version 3.0 (not for new design)
LW T6SC
Characteristics (TS = 25 °C; IF = 20 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931
3) page 22
Farbkoordinaten nach CIE 1931 3) Seite 22
(typ.)
(typ.)
Cx
Cy
0.33
0.33
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
120
°
Forward voltage 4) page 22
Durchlassspannung 4)Seite 22
(min.)
(typ.)
(max.)
VF
VF
VF
3.00
3.20
4.10
V
V
V
Reverse current
Sperrstrom
(VR = 5 V)
(typ.)
(max.)
IR
IR
0.01
10
μA
µA
Real thermal resistance junction / ambient
5) page 22 , 6) page 22
Realer Wärmewiderstand Sperrschicht /
Umgebung 5) Seite 22 , 6) Seite 22
(max.)
Rth JA real
400
K/W
Real thermal resistance junction / solder point
6) page 22
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 22
(max.)
Rth JS real
230
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com