Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAMB11XR Datasheet(PDF) 26 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 26 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 22Page - Microchip Technology ATSAMB11XR Datasheet HTML 23Page - Microchip Technology ATSAMB11XR Datasheet HTML 24Page - Microchip Technology ATSAMB11XR Datasheet HTML 25Page - Microchip Technology ATSAMB11XR Datasheet HTML 26Page - Microchip Technology ATSAMB11XR Datasheet HTML 27Page - Microchip Technology ATSAMB11XR Datasheet HTML 28Page - Microchip Technology ATSAMB11XR Datasheet HTML 29Page - Microchip Technology ATSAMB11XR Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 87 page
background image
7.1.3.5
SPI Controller
See Section SPI Master/Slave Interface.
7.1.3.6
I2C Controller
See Section I2C Master/Slave Interface.
7.1.3.7
SPI-Flash Controller
The AHB SPI-Flash Controller is used to access the internal stacked SPI Flash to access various
instruction/data code required for storing application code, code patches, and OTA images. It supports
several SPI modes including 0, 1, 2, and 3. See Section SPI Flash Master Interface.
7.1.3.8
UART
See Section UART Interface.
7.1.3.9
DMA Controller
Direct Memory Access (DMA) allows certain hardware subsystems to access main system memory
independent of the Cortex-M0 Processor.
The DMA features and benefits are:
•
Supports any address alignment
•
Supports any buffer size alignment
•
Peripheral flow control and peripheral block transfer
•
The following modes are supported:
–
Peripheral to peripheral transfer
–
Memory to memory
–
Memory to peripheral
–
Peripheral to memory
–
Register to memory
•
Interrupts for both TX done and RX done in memory and peripheral mode
•
Scheduled transfers
•
Endianness byte swapping
•
Watchdog timer
•
4-channel operation
•
32-bit Data width
•
AHB MUX (on read and write buses)
•
Command lists support
•
Usage of tokens
7.1.3.10 Nested Vector Interrupt Controller
External interrupt signals connect to the NVIC, and the NVIC prioritizes the interrupts. Software can set
the priority of each interrupt. The NVIC and the Cortex-M0 processor core are closely coupled to provide
low-latency interrupt processing and efficient processing of late arriving interrupts.
All NVIC registers are accessible via word transfers and are little endian. Any attempt to read or write a
half-word or byte individually is unpredictable.
The NVIC allows the CPU to be able to individually enable or disable each interrupt source, and hold
each interrupt until it is serviced and cleared by the CPU.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com