Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAMB11XR Datasheet(PDF) 33 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 33 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 29Page - Microchip Technology ATSAMB11XR Datasheet HTML 30Page - Microchip Technology ATSAMB11XR Datasheet HTML 31Page - Microchip Technology ATSAMB11XR Datasheet HTML 32Page - Microchip Technology ATSAMB11XR Datasheet HTML 33Page - Microchip Technology ATSAMB11XR Datasheet HTML 34Page - Microchip Technology ATSAMB11XR Datasheet HTML 35Page - Microchip Technology ATSAMB11XR Datasheet HTML 36Page - Microchip Technology ATSAMB11XR Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 87 page
background image
8.4
Microchip BluSDK Smart
The BluSDK Smart offers a comprehensive set of tools including reference applications for several
Bluetooth SIG defined profiles and custom profile. This will help the user quickly evaluate, design and
develop BLE products with ATSAMB11-XR2100A and ATSAMB11-ZR210CA.
The ATSAMB11-XR2100A and ATSAMB11-ZR210CA have a completely integrated Bluetooth Low
Energy stack on chip that is fully qualified, mature, and Bluetooth V4.1 compliant.
Customer applications interface with the BLE protocol stack through the Microchip BLE API, which
supports direct access to the GAP, SMP, ATT, GATT client / server, and L2CAP service layer protocols in
the embedded firmware.
The stack includes numerous BLE profiles for applications like:
•
Smart Energy
•
Consumer Wellness
•
Home Automation
•
Security
•
Proximity Detection
•
Entertainment
•
Sports and Fitness
•
Automotive
Together with the Atmel Studio Software Development environment, the additional customer profiles can
be easily developed.
The Bluetooth SmartConnect software development kit is based on Keil compiler tools and contains
numerous application code examples for embedded mode. In addition to the protocol stack, the drivers
for each peripheral hardware block are provided as part of the Atmel Software Framework (ASF).
8.4.1
Direct Test Mode (DTM) Example Application
One among the reference application offered in BluSDK Smart is a DTM example application. Using this
application, the user will be able to configure the device in the different test modes as defined in the
Bluetooth Low Energy Core 4.1 specification (Vol6,Part F Direct Test Mode). Please refer the example
getting started guide available in the BluSDK Smart release package.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com