Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5273 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5273
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273 Datasheet(HTML) 4 Page - Analog Devices

  AD5273 Datasheet HTML 1Page - Analog Devices AD5273 Datasheet HTML 2Page - Analog Devices AD5273 Datasheet HTML 3Page - Analog Devices AD5273 Datasheet HTML 4Page - Analog Devices AD5273 Datasheet HTML 5Page - Analog Devices AD5273 Datasheet HTML 6Page - Analog Devices AD5273 Datasheet HTML 7Page - Analog Devices AD5273 Datasheet HTML 8Page - Analog Devices AD5273 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5273
–4–
ORDERING GUIDE
Resistance
Package
Package
Full Container
Model
RAB (k )
Code
Description
Quantities
Brand
AD5273BRJ1-REEL7
1
RJ
SOT23-8
3000
DYA
AD5273BRJ10-REEL7
10
RJ
SOT23-8
3000
DYB
AD5273BRJ50-REEL7
50
RJ
SOT23-8
3000
DYC
AD5273BRJ100-REEL7
100
RJ
SOT23-8
3000
DYD
AD5273BRJ1-R2
1
RJ
SOT23-8
250
DYA
AD5273BRJ10-R2
10
RJ
SOT23-8
250
DYB
AD5273BRJ50-R2
50
RJ
SOT23-8
250
DYC
AD5273BRJ100-R2
100
RJ
SOT23-8
250
DYD
AD5273EVAL
*
NA
NA
*
NA
*Users should order samples additionally as the evaluation kit comes with a socket but does not include the parts.
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25°C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +6.5 V
VA, VB, VW to GND . . . . . . . . . . . . . . . . . . . . . . . . . . GND, VDD
A–B, A–W, B–W
Intermittent
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±20 mA
Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±2 mA
Digital Input and Output Voltage to GND . . . . . . . . . . 0 V, VDD
Operating Temperature Range . . . . . . . . . . . . –40°C to +105°C
Maximum Junction Temperature (TJ MAX) . . . . . . . . . . . .150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . . . .300°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . .215°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .220°C
Thermal Resistance
3
JA, SOT-23 . . . . . . . . . . . . . . . . 230°C/W
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating; functional operation of the device at
these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
2 Maximum terminal current is bounded by the maximum current handling of the
switches, maximum power dissipation of the package, and maximum applied voltage
across any two of the A, B, and W terminals at a given resistance.
3 Package Power Dissipation = (T
J MAX – TA)/ JA
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000V readily accumulate on
the human body and test equipment and can discharge without detection. Although the AD5273 features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com