Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5273 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5273
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273 Datasheet(HTML) 3 Page - Analog Devices

  AD5273 Datasheet HTML 1Page - Analog Devices AD5273 Datasheet HTML 2Page - Analog Devices AD5273 Datasheet HTML 3Page - Analog Devices AD5273 Datasheet HTML 4Page - Analog Devices AD5273 Datasheet HTML 5Page - Analog Devices AD5273 Datasheet HTML 6Page - Analog Devices AD5273 Datasheet HTML 7Page - Analog Devices AD5273 Datasheet HTML 8Page - Analog Devices AD5273 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD5273
–3–
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DYNAMIC CHARACTERISTICS6, 10, 11
Bandwidth –3 dB
BW_1 k
RAB = 1 k, Code = 20H
6000
kHz
BW_10 k
RAB = 10 k, Code = 20H
600
kHz
BW_50 k RAB = 50 k, Code = 20H
110
kHz
BW_100 k RAB = 100 k, Code = 20H
60
kHz
Total Harmonic Distortion
THDW
VA
V
V = 1 V rms, RAB = 1 k,
VB = 0 V, f = 1 kHz
0.014
%
Adjustment Settling Time
tS1
VA
V
V = 5 V ± 1 LSB Error Band, VB = 0,
Measured at VW
5
µs
OTP Settling Time12
tS_OTP
VA
V
V = 5 V ± 1 LSB Error Band, VB = 0,
Measured at VW
400
ms
Power-Up Settling Time –
Post Fuses Blown
tS2
VA
V
V = 5 V ± 1 LSB Error Band,VB = 0,
Measured at VW
5
µs
Resistor Noise Voltage
eN_WB
RAB
R
R = 1 k, f = 1 kHz, Code = 20H
3
nV/√Hz
√√
RAB
R
R = 20 k
= 20 k
= 20 k , f = 1 kHz, Code = 20H
13
nV/√Hz
√√
RAB
R
R = 50 k
= 50 k
= 50 k , f = 1 kHz, Code = 20H
20
nV/√Hz
√√
RAB
R
R = 100 k
= 100 k
= 100 k , f = 1 kHz, Code = 20H
28
nV/√Hz
√√
INTERFACE TIMING CHARACTERISTICS (applies to all parts
INTERFACE TIMING CHARACTERISTICS (applies to all parts6, 11, 13)
SCL Clock Frequency
fSCL
ffSCL
SCL
400
kHz
tBUF Bus Free Time between
STOP and START
t1
1.3
µs
tHD;STA Hold Time
(repeated START)
t2
After this period, the first clock
pulse is generated.
0.6
µs
tLOW Low Period of SCL Clock
t3
1.3
µs
tHIGH High Period of SCL Clock
t4
0.6
50
µs
tSU;STA Setup Time for START
Condition
t5
0.6
µs
tHD;DAT Data Hold Time
t6
0.9
µs
tSU;DAT Data Setup Time
t7
0.1
µs
tF Fall Time of Both SDA and
SCL Signals
t8
0.3
µs
tR Rise Time of Both SDA and
R
R
SCL Signals
t9
0.3
µs
tSU;STO Setup Time for STOP
Condition
t10
0.6
µs
NOTES
1Typicals represent average readings at 25°C,VDD = 5 V,VSS = 0 V.
2Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper positions.
R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic.
3VAB
V
V = VDD,Wiper (VW) = No Connect.
4INL and DNL are measured atVW
INL and DNL are measured atV
INL and DNL are measured atV with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter.V
W
W
A
with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter.V
with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter.V =V
A
A
DD and VB = 0 V. DNL specification
limits of ±1 LSB maximum are guaranteed monotonic operating conditions.
5Resistor terminals A, B,W have no limitations on polarity with respect to each other.
6Guaranteed by design and not subject to production test.
7Different from operating power supply, power supply for OTP is used one time only.
8Different from operating current, supply current for OTP lasts approximately 400 ms for one time needed only.
9PDISS is calculated from (IDD  VDD). CMOS logic level inputs result in minimum power dissipation.
10 Bandwidth, noise, and settling time are dependent on the terminal resistance value chosen.The lowest R value results in the fastest settling time and highest bandwidth.
The highest R value results in the minimum overall power consumption.
11 All dynamic characteristics use VDD = 5 V.
12 Different from settling time after fuses are blown.The OTP settling time occurs once only.
13 See Figure 1 for location of measured values.
Specifications subject to change without notice.
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com