Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPL-M09 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTPL-M09
Description  Specific Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M09 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTPL-M09 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
6/18
Part No. : M09 CoB Product Series
BNS-OD-FC002/A4
SPECIFIC LIGHTING
M09 CoB Product Series
4.2 Forward Current vs. Lumen and Voltage
 25 Series Product
Current (mA)
VF (V)
Flux (lm)
3000K
4000K
5000K
3000K
CRI>80
CRI>80
CRI>80
CRI>90
500
35.0
2585
2740
2766
2120
600
35.9
3003
3184
3214
2463
700
37.1
3395
3599
3633
2784
800
38.1
3707
3929
3966
3039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com