Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPL-M09 Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTPL-M09
Description  Specific Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M09 Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTPL-M09 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 12Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
7/18
Part No. : M09 CoB Product Series
BNS-OD-FC002/A4
SPECIFIC LIGHTING
M09 CoB Product Series
 30 Series Product
Current (mA)
VF (V)
Flux (lm)
3000K
4000K
5000K
3000K
CRI>80
CRI>80
CRI>80
CRI>90
500
33.9
2741
2905
2932
2247
600
34.7
3225
3418
3451
2644
700
35.3
3657
3876
3913
2999
800
36.1
4102
4348
4389
3364
900
37.0
4541
4813
4859
3724
1000
37.5
4956
5254
5303
4064
1100
38.2
5303
5622
5675
4349
1200
38.8
5638
5976
6033
4623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com