Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9847 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9847
Description  10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9847 Datasheet(HTML) 4 Page - Analog Devices

  AD9847 Datasheet HTML 1Page - Analog Devices AD9847 Datasheet HTML 2Page - Analog Devices AD9847 Datasheet HTML 3Page - Analog Devices AD9847 Datasheet HTML 4Page - Analog Devices AD9847 Datasheet HTML 5Page - Analog Devices AD9847 Datasheet HTML 6Page - Analog Devices AD9847 Datasheet HTML 7Page - Analog Devices AD9847 Datasheet HTML 8Page - Analog Devices AD9847 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
REV. A
AD9847
–4–
TIMING SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
MASTER CLOCK (CLI)
CLI Clock Period
tCLI
25
ns
CLI High/Low Pulsewidth
tADC
12.5
ns
Delay from CLI to Internal Pixel
Period Position
tCLIDLY
6ns
EXTERNAL MODE CLAMPING
CLPDM Pulsewidth
tCDM
410Pixels
CLPOB Pulsewidth
*
tCOB
220
Pixels
SAMPLE CLOCKS
SHP Rising Edge to SHD Rising Edge
tS1
10
ns
DATA OUTPUTS
Output Delay from Programmed Edge
tOD
6ns
Pipeline Delay
9
Cycles
SERIAL INTERFACE
Maximum SCK Frequency
fSCLK
10
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Falling Edge to SDATA Valid Hold
tDH
10
ns
SCK Falling Edge to SDATA Valid Read
tDV
10
ns
*Maximum CLPOB pulsewidth is for functional operation only. Wider typical pulses are recommended to achieve low noise clamp reference.
Specifications subject to change without notice.
(CL to 29 pF, fCLI = 40 MHz, Serial Timing in Figures 3a and 3b, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com