Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9847 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9847
Description  10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9847 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9847 Datasheet HTML 15Page - Analog Devices AD9847 Datasheet HTML 16Page - Analog Devices AD9847 Datasheet HTML 17Page - Analog Devices AD9847 Datasheet HTML 18Page - Analog Devices AD9847 Datasheet HTML 19Page - Analog Devices AD9847 Datasheet HTML 20Page - Analog Devices AD9847 Datasheet HTML 21Page - Analog Devices AD9847 Datasheet HTML 22Page - Analog Devices AD9847 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
REV. A
AD9847
–19–
HD
HBLK
H1/H3
H1/H3
H2/H4
. . .
. . .
THE POLARITY OF H1 DURING BLANKING IS PROGRAMMABLE (H2 IS OPPOSITE POLARITY OF H1)
Figure 11. HBLK Masking Control
Horizontal Sequence Control
The AD9847 uses sequence change positions (SCP) and sequence
pointers (SPTR) to organize the individual horizontal sequences.
Up to four SCPs are available to divide the readout into four
separate regions, as shown in Figure 12. The SCP 0 is always
hard-coded to line 0, and SCP1–3 are register programmable.
During each region bounded by the SCP, the SPTR registers
designate which sequence is used by each signal. CLPOB, CLPDM,
PBLK, and HBLK each have a separate set of SCP. For example,
CLPOBSCP1 will define Region 0 for CLPOB, and in that region
any of the four individual CLPOB sequences may be selected
with the CLPOBSPTR registers. The next SCP defines a new
region, and in that region each signal can be assigned to a different
individual sequence. The sequence control registers are summarized
in Table VI.
UP TO FOUR INDIVIDUAL HORIZONTAL CLAMP AND BLANKING REGIONS MAY BE
PROGRAMMED WITHIN A SINGLE FIELD, USING THE SEQUENCE CHANGE POSITIONS.
SEQUENCE CHANGE OF POSITION #1
SEQUENCE CHANGE OF POSITION #2
SEQUENCE CHANGE OF POSITION #3
SINGLE FIELD (1 VD INTERVAL)
CLAMP AND PBLK SEQUENCE REGION 0
SEQUENCE CHANGE OF POSITION #0
(V-COUNTER = 0)
CLAMP AND PBLK SEQUENCE REGION 3
CLAMP AND PBLK SEQUENCE REGION 2
CLAMP AND PBLK SEQUENCE REGION 1
Figure 12. Clamp and Blanking Sequence Flexibility
Table VI. Horizontal Sequence Control Parameters for CLPOB, CLPDM, PBLK, and HBLK
Register Name
Length
Range
Description
SCP1–SCP3
12b
0–4095 Line Number
CLAMP/BLANK SCP to Define Horizontal Regions 0–3
SPTR0–SPTR3
2b
0–3 Sequence Number
Sequence Pointer for Horizontal Regions 0–3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com