Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2095P Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM2095P
Description  P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2095P Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM2095P Datasheet HTML 1Page - Anpec Electronics Coropration APM2095P Datasheet HTML 2Page - Anpec Electronics Coropration APM2095P Datasheet HTML 3Page - Anpec Electronics Coropration APM2095P Datasheet HTML 4Page - Anpec Electronics Coropration APM2095P Datasheet HTML 5Page - Anpec Electronics Coropration APM2095P Datasheet HTML 6Page - Anpec Electronics Coropration APM2095P Datasheet HTML 7Page - Anpec Electronics Coropration APM2095P Datasheet HTML 8Page - Anpec Electronics Coropration APM2095P Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Nov., 2003
www.anpec.com.tw
2
APM2095P
APM2095P
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static
BVDSS
Drain-Source Breakdown
Voltage
VGS=0V , IDS=-250
µA
-20
V
IDSS
Zero Gate Voltage Drain
Current
VDS=-16V , VGS=0V
-1
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS , IDS=-250
µA
-0.5
-0.7
-1
V
IGSS
Gate Leakage Current
VGS=
±10V , V
DS=0V
±100
nA
VGS=-4.5V , IDS=-3.6A
70
95
RDS(ON)
a
Drain-Source On-state
Resistance
VGS=-2.5V , IDS=-2A
100
125
m
Ω
VSD
a
Diode Forward Voltage
ISD=-1A , VGS=0V
-0.7
-1.3
V
Dynamic
b
Qg
Total Gate Charge
11
15
Qgs
Gate-Source Charge
2
Qgd
Gate-Drain Charge
VDS=-10V , IDS=-3.6A
VGS=-4.5V
1.5
nC
td(ON)
Turn-on Delay Time
13
22
Tr
Turn-on Rise Time
36
56
td(OFF)
Turn-off Delay Time
45
70
Tf
Turn-off Fall Time
VDD=-10V , IDS=-3.6A ,
VGEN=-4.5V , RG=6
Ω
37
58
ns
Ciss
Input Capacitance
550
Coss
Output Capacitance
170
Crss
Reverse Transfer Capacitance
VGS=0V
VDS=-15V
Frequency=1.0MHz
120
pF
Symbol
Parameter
Rating
Unit
TC=25°C
50
PD
Maximum Power Dissipation
TC=100°C
20
W
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
RθJA
*
Thermal Resistance – Junction to Ambient
50
RθJC
Thermal Resistance – Junction to Case
2.5
°C/W
*Mounted on 1in
2 pad area of PCB.
Notes
a : Pulse test ; pulse width
≤300µs, duty cycle ≤ 2%
b : Guaranteed by design, not subject to production testing
Absolute Maximum Ratings Cont. (T
A = 25°C unless otherwise noted)
Electrical Characteristics (T
A = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com