Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2095P Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APM2095P
Description  P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2095P Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APM2095P Datasheet HTML 1Page - Anpec Electronics Coropration APM2095P Datasheet HTML 2Page - Anpec Electronics Coropration APM2095P Datasheet HTML 3Page - Anpec Electronics Coropration APM2095P Datasheet HTML 4Page - Anpec Electronics Coropration APM2095P Datasheet HTML 5Page - Anpec Electronics Coropration APM2095P Datasheet HTML 6Page - Anpec Electronics Coropration APM2095P Datasheet HTML 7Page - Anpec Electronics Coropration APM2095P Datasheet HTML 8Page - Anpec Electronics Coropration APM2095P Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Nov., 2003
www.anpec.com.tw
4
APM2095P
Typical Characteristics
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (°C)
-VDS - Drain-to-Source Voltage (V)
Capacitance
-VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Gate-to-Source Voltage
Gate Charge
QG - Gate Charge (nC)
1
2
34
5
6
78
9
10
0.04
0.05
0.06
0.07
0.08
0.09
0.10
-I
D
= 3.6A
-50
-25
0
25
50
75
100
125
150
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
R
ON
@T
j
=25
OC:70 mΩ
-V
GS
= 4.5V
-I
DS
= 3.6A
0
4
8
121620
200
400
600
800
1000
Frequency=1MHz
Crss
Coss
Ciss
0
246
8
10
12
14
0
1
2
3
4
5
-V
DS
= 10 V
-I
D
= 3.5 A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com