Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCALUG02A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # NTCALUG02A
Description  NTC Thermistors, Low Thermal Gradient Lug Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCALUG02A Datasheet(HTML) 4 Page - Vishay Siliconix

  NTCALUG02A Datasheet HTML 1Page - Vishay Siliconix NTCALUG02A Datasheet HTML 2Page - Vishay Siliconix NTCALUG02A Datasheet HTML 3Page - Vishay Siliconix NTCALUG02A Datasheet HTML 4Page - Vishay Siliconix NTCALUG02A Datasheet HTML 5Page - Vishay Siliconix NTCALUG02A Datasheet HTML 6Page - Vishay Siliconix NTCALUG02A Datasheet HTML 7Page - Vishay Siliconix NTCALUG02A Datasheet HTML 8Page - Vishay Siliconix NTCALUG02A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NTCALUG02A Series
www.vishay.com
Vishay BCcomponents
Revision: 17-Nov-17
4
Document Number: 29094
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTCALUG02A472F
NTC LUG02A 4.7K 1 % 3984 K 0.5 %
RESISTANCE TEMPERATURE CHARACTERISTICS
TEMP.
(°C)
R(T)
RESISTANCE
(
)
R/R
(%)
(%/K)
T
(K)
Rmin.
(
)
Rmax.
(
)
-40
33.43
157 109
2.88
-6.63
0.43
152 582
161 636
-35
24.13
113 422
2.70
-6.41
0.42
110 359
116 484
-30
17.61
82 782
2.53
-6.19
0.41
80 691
84 874
-25
12.99
61 053
2.36
-5.99
0.39
59 612
62 494
-20
9.68
45 478
2.20
-5.79
0.38
44 477
46 478
-15
7.276
34 199
2.05
-5.61
0.36
33 500
34 899
-10
5.522
25 953
1.90
-5.43
0.35
25 460
26 445
-5
4.227
19 866
1.75
-5.26
0.33
19 517
20 215
0
3.262
15 333
1.62
-5.10
0.32
15 085
15 581
5
2.538
11 929
1.49
-4.94
0.30
11 752
12 106
10
1.990
9352
1.36
-4.80
0.28
9225
9478
15
1.571
7384
1.23
-4.65
0.27
7293
7475
20
1.249
5872
1.12
-4.52
0.25
5806
5937
25
1.000
4700
1.00
-4.39
0.23
4653
4747
30
0.8056
3786
1.11
-4.26
0.26
3744
3828
35
0.6530
3069
1.22
-4.14
0.29
3032
3106
40
0.5324
2502
1.32
-4.03
0.33
2469
2535
45
0.4365
2052
1.42
-3.92
0.36
2022
2081
50
0.3599
1691
1.52
-3.81
0.40
1666
1717
55
0.2982
1402
1.62
-3.71
0.44
1379
1424
60
0.2484
1167
1.71
-3.61
0.47
1147
1187
65
0.2079
977.0
1.80
-3.51
0.51
959.4
994.5
70
0.1748
821.4
1.88
-3.42
0.55
805.9
836.9
75
0.1476
693.7
1.97
-3.34
0.59
680.0
707.3
80
0.1252
588.3
2.05
-3.25
0.63
576.3
600.4
85
0.1066
501.1
2.13
-3.17
0.67
490.4
511.7
90
0.09116
428.4
2.21
-3.09
0.71
419.0
437.9
95
0.07825
367.8
2.28
-3.02
0.76
359.4
376.2
100
0.06741
316.8
2.36
-2.94
0.80
309.4
324.3
105
0.05828
273.9
2.43
-2.87
0.84
267.3
280.6
110
0.05057
237.7
2.50
-2.81
0.89
231.7
243.6
115
0.04402
206.9
2.56
-2.74
0.94
201.6
212.2
120
0.03844
180.7
2.63
-2.68
0.98
175.9
185.4
125
0.03367
158.3
2.69
-2.62
1.03
154.0
162.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com