Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCALUG02A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NTCALUG02A
Description  NTC Thermistors, Low Thermal Gradient Lug Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCALUG02A Datasheet(HTML) 1 Page - Vishay Siliconix

  NTCALUG02A Datasheet HTML 1Page - Vishay Siliconix NTCALUG02A Datasheet HTML 2Page - Vishay Siliconix NTCALUG02A Datasheet HTML 3Page - Vishay Siliconix NTCALUG02A Datasheet HTML 4Page - Vishay Siliconix NTCALUG02A Datasheet HTML 5Page - Vishay Siliconix NTCALUG02A Datasheet HTML 6Page - Vishay Siliconix NTCALUG02A Datasheet HTML 7Page - Vishay Siliconix NTCALUG02A Datasheet HTML 8Page - Vishay Siliconix NTCALUG02A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NTCALUG02A Series
www.vishay.com
Vishay BCcomponents
Revision: 17-Nov-17
1
Document Number: 29094
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, Low Thermal Gradient Lug Sensors
DESIGN SUPPORT TOOLS
• SPICE models available: www.vishay.com/doc?29177
• NTC curve computation:
www.vishay.com/thermistors/ntc-curve-list/
Notes
(1) Other R25-values, B25/85-values, and tolerances are available
upon request
(2) The thermal gradient is the difference per °C between the true
temperature of the surface to be sensed and the temperature
measured by the sensor
FEATURES
• Low thermal gradient due to the use of nickel
conductor and low profile closed ring tongue
• AEC-Q200 qualified (grade 1)
• UL recognized, file E148885
(UL category XGPU2)
• Mounting: assembly screw mounting
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
Thermistors used for accurate surface temperature sensing
and control in:
• Computer equipment
• Power electronics, heat-sink temperature control
• Consumer appliances
• Industrial equipment
• Automotive equipment
DESCRIPTION
Vishay thermistor chip NTC with epoxy coating and middle
buffer layer mounted in a tin plated copper ring lug with
PEEK
insulated
leads
AWG#30
(Ø
0.25
mm),
mono-stranded silver-plated nickel.
MOUNTING
• The device is suitable for screwing e.g. on a metal surface
through means of an M3 or M3.5 screw
• The connections are suitable for soldering on a PCB or for
connector insertion
• The sensor is not suitable for being in permanent contact
with water or liquids
• Other applicable screw hole sizes are available, for
example M4 or American Stud #8
• AWG#28 or AWG#26 wires available on request
• Consult Vishay for other cable length, cable section,
screw sizes, insulation, connector crimping or other
features
Note
(1) Is also known under material number NTCALUGE4C90294
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C (1)
4.7K to 100K
Tolerance on R25-value (1)
± 1; ± 2; ± 3
%
B25/85 value (1)
3435 to 4190
K
Tolerance on B25/85-value
± 0.5; ± 1.0; ± 1.5
%
Operating temperature range at
zero power
-55 to +125
°C
Thermal time constant

5s
Dissipation factor
10
mW/K
Thermal gradient (2)
< 0.05
K/K
Min. dielectric withstanding
voltage between terminals and lug
1500
VAC
Climatic category
(LCT / UCT / days)
55 / 125 / 56
Weight
1.0
g
click logo to get started
Available
Models
Available
Design Tools
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(
)
R25-TOL.
(± %)
B25/85
(K)
B25/85-TOL.
(± %)
L1
(mm)
SAP MATERIAL AND
ORDERING NUMBER
UL RECOGNIZED
(Y / N)
4700
2
3984
0.5
45 ± 3
NTCALUG02A472G
N
4700
1
3984
0.5
45 ± 3
NTCALUG02A472F
N
5000
2
3984
0.5
45 ± 3
NTCALUG02A502G
Y
10 000
2
3984
0.5
45 ± 3
NTCALUG02A103G (1)
Y
10 000
1
3984
0.5
45 ± 3
NTCALUG02A103F
Y
10 000
1
3984
0.5
80 +5 / -3
NTCALUG02A103F800
Y
10 000
1
3984
0.5
160 +5 / -3
NTCALUG02A103F161
Y
10 000
1
3435
1.0
45 ± 3
NTCALUG02A103FL
Y
10 000
1
3435
1.0
80 +5 / -3
NTCALUG02A103F800L
Y
10 000
1
3435
1.0
160 +5 / -3
NTCALUG02A103F161L
Y
100 000
3
4190
1.5
45 ± 3
NTCALUG02A104H
N


Similar Part No. - NTCALUG02A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG02A VISHAY-NTCALUG02A Datasheet
110Kb / 9P
NTC Thermistors, Low Thermal Gradient Lug Sensors
02-Aug-12
NTCALUG02A VISHAY-NTCALUG02A Datasheet
109Kb / 3P
NTC Thermistors, Low Thermal Gradient Lug Sensors
21-Feb-2022
NTCALUG02A103F VISHAY-NTCALUG02A103F Datasheet
110Kb / 9P
NTC Thermistors, Low Thermal Gradient Lug Sensors
02-Aug-12
NTCALUG02A103FL VISHAY-NTCALUG02A103FL Datasheet
110Kb / 9P
NTC Thermistors, Low Thermal Gradient Lug Sensors
02-Aug-12
NTCALUG02A103G VISHAY-NTCALUG02A103G Datasheet
110Kb / 9P
NTC Thermistors, Low Thermal Gradient Lug Sensors
02-Aug-12
More results

Similar Description - NTCALUG02A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG03 VISHAY-NTCALUG03 Datasheet
127Kb / 7P
NTC Thermistors, Mini Lug Sensors
16-Sep-10
NTCALUG03 VISHAY-NTCALUG03_11 Datasheet
117Kb / 7P
NTC Thermistors, Mini Lug Sensors
12-Apr-11
NTCALUG02A VISHAY-NTCALUG02A Datasheet
110Kb / 9P
NTC Thermistors, Low Thermal Gradient Lug Sensors
02-Aug-12
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
NTC Thermistors, Standard Lug Sensors
08-Aug-12
NTCALUG01A VISHAY-NTCALUG01A_17 Datasheet
91Kb / 3P
NTC Thermistors, Standard Lug Sensors
17-Nov-17
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors
12-Oct-2018
NTCALUG01T VISHAY-NTCALUG01T_19 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors, 150 °C
30-Jan-2019
NTCALUG01A VISHAY-NTCALUG01A_V01 Datasheet
110Kb / 3P
NTC Thermistors, Standard Lug Sensors
01-Mar-2022
NTCALUG02A VISHAY-NTCALUG02A_V01 Datasheet
109Kb / 3P
NTC Thermistors, Low Thermal Gradient Lug Sensors
21-Feb-2022
NTCALUG91A VISHAY-NTCALUG91A Datasheet
108Kb / 3P
NTC Thermistors, Standard Lug Sensors
21-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com