Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19706CS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS19706CS
Description  Primary-Side Feedback Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19706CS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19706CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS19706CS
Taiwan Semiconductor
3
Version: A1605
ELECTRICAL SPECIFICATIONS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Oscillator
Start-up Timer
tSTR
--
222
--
µs
GM Amplifier
Reference voltage
VREF
362.6
370
377.4
mV
Transconductance
Gm
--
60
--
µA/V
Sink Current
ICOMP_SINK
--
20
--
µA
Source Current
ICOMP_SOU
--
20
--
µA
Driver
Dropout voltage
VOH
IO = 10mA
--
0.7
--
V
VOL
IO = -10mA
--
0.2
--
V
Rising time
tr
VCC=20V, CO =1nF
--
60
--
ns
Falling time
tf
VCC=20V, CO =1nF
--
80
--
ns
Output clamp voltage
VO_CLAMP
--
13
15.0
V
Leading edge blanking time
(Note 5)
LEBt
--
0.5
--
µs
MOSFET Section
Drain-Source Breakdown
Voltage
BVDS
630
--
--
V
Drain-Source On-Resistance
RDS(ON)
VGS=10V, ID=1A
--
3.2
3.8
Ω
Thermal Section
(Note 5, 6)
Thermal Shutdown
--
130
--
°C
Note:
1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These
are for stress ratings. Functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may remain possibility to affect device reliability.
2.
Devices are ESD sensitive. Handling precautions recommended.
3.
Thermal Resistance is specified with the component mounted on a low thermal conductivity test board in free
air at TA=25°C.
4.
The device is not guaranteed to function outside its operating conditions.
5.
Guaranteed by design.
6.
Linear degeneration Type.
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TS19706CS RLG
SOP-8
2,500pcs / 13”Reel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com