Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19706CS Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS19706CS
Description  Primary-Side Feedback Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19706CS Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS19706CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TS19706CS
Taiwan Semiconductor
6
Version: A1605
APPLICATION INFORMATION
Function Description
The TS19706CS is configurable for either isolated primary side Flyback regulation or non-isolated buck-boost
current regulation topologies. The IC active power factor correction in Flyback mode and achieves constant current
accuracy and low total harmonic distortion (THD) using Boundary Conduction Mode (BCM) operation. An
integrated 630V switching MOSFET reduces the external components required for application implementation. The
TS19706CS has built-in VCC over voltage protection, open LED protection, short LED protection, over temperature
protection, and primary-side current limit.
The average output current can be expressed as below.
Where:
• IOUT_avg is the average output current
• NP is the primary-side turn ratio
• NS is the secondary-side turn ratio
• ƞ is the efficiency
• RS is the sensing resistor connected between the MOSFET source and the GND
Pin Definitions
COM (Compensation)
This is the output of the gm amplifier. Connect with a suitable RC network to ground.
GND (Ground)
GND is the reference node of internal circuit.
CS (Current Sense)
MOSFET current signal sensing for multiplication and current limit setting function.
Where:
• ICS(LIMIT) is the input current sence
• RS is the sensing resistor connected between the MOSFET source and GND
DRN (Drain)
Internal Power MOSFET Drain.
VCC
Power supply for the controller during normal operation. The controller will start up when VCC reaches 15.3V (typical)
and will shut-down when VCC voltage is below 7.8V (typical). A decoupling capacitor should be connected between
the VCC and GND pin as close as possible.
The TS19706CS performs VCC over voltage protection though VCC pin. Once VCC pin exceeds in 34V, TS19706CS
turns off and latchs out the MOSFET switcher until VCC goes below VCC_OFF.
S
S
P
OUT_avg
R
2
*
0.370
N
N
I
×
×
=
η
S
CS(LIMIT)
R
1.35
I
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com