Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM120N06LCR Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSM120N06LCR
Description  Low gate charge for fast power switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM120N06LCR Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM120N06LCR Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM120N06LCR Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM120N06LCR Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM120N06LCR Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM120N06LCR Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM120N06LCR Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSM120N06LCR
Taiwan Semiconductor
3
Version: A1610
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Gate-Source Voltage vs. Gate Charge
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-Source Voltage
VGS, Gate to Source Voltage (V)
VDS, Drain to Source Voltage (V)
ID, Drain Current (A)
Qg, Gate Charge (nC)
TJ, Junction Temperature (°C)
VGS, Gate to Source Voltage (V)
0
8
16
24
32
40
0
1
2
3
4
V
GS=10V
V
GS=7V
V
GS=5V
V
GS=4.5V
V
GS=4V
V
GS=3.5V
V
GS=3V
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0
8
16
24
32
40
V
GS=10V
V
GS=4.5V
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
3
4
5
6
7
8
9
10
I
D=10A
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-75
-50
-25
0
25
50
75
100
125
150
V
GS=10V
I
D=10A
0
8
16
24
32
40
0
1
2
3
4
25℃
-55℃
150℃
0
2
4
6
8
10
0
10
20
30
40
V
DS=30V
I
D=10A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com