Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM120N06LCR Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSM120N06LCR
Description  Low gate charge for fast power switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM120N06LCR Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSM120N06LCR Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM120N06LCR Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM120N06LCR Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM120N06LCR Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM120N06LCR Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM120N06LCR Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TSM120N06LCR
Taiwan Semiconductor
4
Version: A1610
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Capacitance vs. Drain-Source Voltage
BVDSS vs. Junction Temperature
Maximum Safe Operating Area, Junction-to-Case
Source-Drain Diode Forward Current vs. Voltage
Normalized Thermal Transient Impedance, Junction-to-Case
t, Square Wave Pulse Duration (sec)
VDS, Drain to Source Voltage (V)
TJ, Junction Temperature (°C)
VSD, Body Diode Forward Voltage (V)
VDS, Drain to Source Voltage (V)
0.8
0.9
1
1.1
1.2
-75
-50
-25
0
25
50
75
100
125
150
I
D=1mA
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
25℃
150℃
-55℃
0
500
1000
1500
2000
2500
3000
0
10
20
30
40
50
60
CISS
COSS
CRSS
0.1
1
10
100
1000
0.1
1
10
100
R
DS(ON)
SINGLE PULSE
RӨJC=1.8°C/W
T
C=25°C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
SINGLE PULSE
RӨJC=1.8°C/W
Duty=0.5
Duty=0.2
Duty=0.1
Duty=0.05
Duty=0.02
Duty=0.01
Single
Notes:
Duty = t
1 / t2
T
J = TC + PDM x Z
ӨJC x RӨJC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com