Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega64RFR2 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATmega64RFR2
Description  Network support by hardware assisted Multiple PAN Address Filtering
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64RFR2 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATmega64RFR2 Datasheet HTML 1Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 2Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 3Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 4Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 5Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 6Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 7Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 8Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
8393CS-MCU Wireless-09/14
ATmega256/128/64RFR2
3 Overview
The ATmega256/128/64RFR2 is a low-power CMOS 8-bit microcontroller based on the
AVR enhanced RISC architecture combined with a high data rate transceiver for the 2.4
GHz ISM band.
By executing powerful instructions in a single clock cycle, the device achieves
throughputs approaching 1 MIPS per MHz allowing the system designer to optimize
power consumption versus processing speed.
The radio transceiver provides high data rates from 250 kb/s up to 2 Mb/s, frame
handling, outstanding receiver sensitivity and high transmit output power enabling a
very robust wireless communication.
3.1 Block Diagram
Figure 3-1 Block Diagram
The AVR core combines a rich instruction set with 32 general purpose working
registers. All 32 registers are directly connected to the Arithmetic Logic Unit (ALU). Two
independent registers can be accessed with one single instruction executed in one
clock cycle. The resulting architecture is very code efficient while achieving throughputs
up to ten times faster than conventional CISC microcontrollers. The system includes
internal voltage regulation and an advanced power management. Distinguished by the
small leakage current it allows an extended operation time from battery.
The radio transceiver is a fully integrated ZigBee solution using a minimum number of
external components. It combines excellent RF performance with low cost, small size
and low current consumption. The radio transceiver includes a crystal stabilized
fractional-N synthesizer, transmitter and receiver, and full Direct Sequence Spread



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com