Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1665 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP1665
Description  MCP1665 12V Output Boost Regulator Evaluation Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1665 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP1665 Datasheet HTML 16Page - Microchip Technology MCP1665 Datasheet HTML 17Page - Microchip Technology MCP1665 Datasheet HTML 18Page - Microchip Technology MCP1665 Datasheet HTML 19Page - Microchip Technology MCP1665 Datasheet HTML 20Page - Microchip Technology MCP1665 Datasheet HTML 21Page - Microchip Technology MCP1665 Datasheet HTML 22Page - Microchip Technology MCP1665 Datasheet HTML 23Page - Microchip Technology MCP1665 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
MCP1665 12V OUTPUT BOOST
REGULATOR EVALUATION BOARD
USER’S GUIDE
 2017 Microchip Technology Inc.
DS50002686A-page 23
Appendix B. Bill of Materials (BOM)
TABLE B-1:
BILL OF MATERIALS (BOM)
Qty. Reference
Description
Manufacturer
Part Number
2
C1, C11
CAP CER 10 μF 16V 10% X7R SMD 1206
TDK Corporation
C3216X7R1C106K
1
C2
CAP CER 1 μF 25V 10% X5R SMD 0805
Murata Electronics
North America, Inc.
GRM216R61E105KA12D
0
C3
CAP TANT 330 μF 10V 20% 2917
Panasonic® - ECG
10TPE330M
4
C4, C5,
C7, C8
CAP CER 10 μF 50V 20% X7R SMD 1210
TDK Corporation
C3225X7R1H106M250AC
1
C9
CAP ALU 470 μF 16V 20% SMD F
Panasonic - ECG
EEE-1CA471UP
1
D1
DIO SCTKY STPS2L40U 340 mV 2A 40V
DO-214AA_SMB
STMicroelectronics
STPS2L40U
2
J1, J2
CON TERMINAL 5 mm 1x2 Female
12-26AWG 18A TH R/A
PHOENIX CONTACT 1935161
1
J5
CON HDR-2.54 Male 1x3 Tin 6.75 MH TH
VERT
Molex®
90120-0123
1
L1
INDUCTOR 4.7 μH 6.9A 30% SMD
L10W10.2H4.8
Coilcraft
MSS1048-472NL
1
LABEL1
Label, AIPD Board Assembly
4
PAD1,
PAD2,
PAD3,
PAD4
MECH HW RUBBER PAD CYLINDRICAL
D7.9 H5.3 BLACK
3M
SJ61A11
1
PCB1
Printed Circuit Board
04-10713-R1
1
R1
RES TKF 180k 1% 1/10W SMD 0603
Yageo Corporation
RC0603FR-07180KL
1
R2
RES TKF 20k 1% 1/10W SMD 0603
Panasonic® - ECG
ERJ-3EKF2002V
1
RT1
RES TKF 80.6k 1% 1/10W SMD 0603
Panasonic® - ECG
ERJ3EKF8062V
1
RT2
RES TKF 130k 1% 1/10W SMD 0603
Panasonic® - ECG
ERJ3EKF1303V
1
RT3
RES TKF 383k 1% 1/10W SMD 0603
Panasonic® - ECG
ERJ3EKF3833V
1
RT4
RES TKF 511k 1% 1/10W SMD 0603
Panasonic® - ECG
ERJ3EKF5113V
1
SW1
SWITCH SLIDE SPDT 30V 0.1A SS12SDP2
TH
NKK Switches
SS12SDP2
0
TP1, TP2,
TP3, TP4
CON TP PIN Tin TH
Harwin Plc.
H2121-01
1
U1
MCHP ANALOG BOOST CONVERTER 12V
MCP1665T-E/MRA VQFN-10
Microchip Technology
Inc.
MCP1665T-E/MRA
Note 1:
The components listed in this Bill of Materials are representative of the PCB assembly. The released BOM
used in manufacturing uses all RoHS-compliant components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com