Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1665 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1665
Description  MCP1665 12V Output Boost Regulator Evaluation Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1665 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1665 Datasheet HTML 11Page - Microchip Technology MCP1665 Datasheet HTML 12Page - Microchip Technology MCP1665 Datasheet HTML 13Page - Microchip Technology MCP1665 Datasheet HTML 14Page - Microchip Technology MCP1665 Datasheet HTML 15Page - Microchip Technology MCP1665 Datasheet HTML 16Page - Microchip Technology MCP1665 Datasheet HTML 17Page - Microchip Technology MCP1665 Datasheet HTML 18Page - Microchip Technology MCP1665 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Installation and Operation
 2017 Microchip Technology Inc.
DS50002686A-page 15
FIGURE 2-5:
MCP1665 12V Output Efficiency vs. VIN.
FIGURE 2-6:
MCP1665 12V Output 3.6V Input 1A Load Operation Waveform.
60
70
80
90
100
33.544.5
5
VIN (V)
IOUT = 100 mA
IOUT = 400 mA
IOUT = 10 mA
IOUT = 1 mA
MODE = VIN
VOUT 50 mV/div AC coupled
VSW 5V/div
IL 1A/div
2 μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com