Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC817 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TPC817
Description  200mW, 4 PIN DIP Phototransistor Photocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TPC817 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TPC817 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TPC817 SERIES
Taiwan Semiconductor
3
Version:C1612
RANK TABLE OF CURRENT TRANSFER RATIO, CTR
RANK MARK
MIN (%)
MAX (%)
A
80
160
B
130
260
C
200
400
D
300
600
ORDERING INFORMATION
PART NO.
(Note 1&2)
PACKING
CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
TPC817x
C9
G
DIP-4
100 / TUBE
TPC817Mx
C9
DIP-4M
(Leads with 0.4" spacing)
100 / TUBE
TPC817S1x
RA
SOP-4
2K / 13" Reel
Notes:
1.
“x” defines CTR rank from “A” to “D”
2.
Whole series with green compound
EXAMPLE
EXAMPLE P/N
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
TPC817A C9G
TPC817A
C9
G
Green compound



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com