Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC817 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TPC817
Description  200mW, 4 PIN DIP Phototransistor Photocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TPC817 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

Back Button TPC817 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TPC817 SERIES
Taiwan Semiconductor
6
Version:C1612
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig. 9 Collector Dark Current vs.
Ambient Temperature
Fig.10 Response Time vs.
Load Resistance
Fig.11 Frequency Response
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
-30
0
30
60
90
V
CE=20V
0.1
1
10
100
1000
0.01
0.1
1
10
100
ts
td
tf
tr
I
C=2mA
V
CE=2V
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
0.1
1
10
100
1000
RL=10kΩ
1kΩ
100Ω
I
C=2mA
V
CE=5V
Ambient Temperature Ta(°C)
Frequency f(kHz)
Load Resistance RL(kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com