Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2113WU2 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF2113WU2
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113WU2 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF2113WU2 Datasheet HTML 7Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 8Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 9Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 10Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 11Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 12Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 13Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 14Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
2001 Dec 19
11
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
handbook, full pagewidth
00 01 02 03 04
15 16 17 18 19
4C 4D 4E 4F
non-displayed DDRAM addresses
64 65 66 67
40 41 42 43 44
49 4A 4B 4C 4D
00 01 02 03 04
09 0A 0B 0C 0D
24 25 26 27
non-displayed DDRAM address
line 1
line 2
MGE991
DDRAM
address
2-line display
12345
22 23 24
12345
10 11 12
12345
10 11 12
display
position
DDRAM
address
1-line display
Fig.3 DDRAM to display mapping; no shift.
handbook, halfpage
MGE992
27 00 01 02 03
67 40 41 42 43
08 09 0A
48 49 4A
DDRAM
address
line 1
line 2
2-line display
1
2
3
4
5
22 23 24
1
2
3
4
5
10 11 12
1
2
3
4
5
10 11 12
4F 00 01 02 03
14 15 16
display
position
DDRAM
address
1-line display
Fig.4 DDRAM to display mapping; right shift.
handbook, halfpage
01
04 05
41 42 43 44 45
0A 0B 0C
4A 4B 4C
DDRAM
address
line 1
line 2
2-line display
1
2
3
4
5
22 23 24
1
2
3
4
5
10 11 12
1
2
3
4
5
10 11 12
01
04 05
02 03
02 03
16 17 18
display
position
DDRAM
address
1-line display
MGE993
Fig.5 DDRAM to display mapping; left shift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com