Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2113WU2 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF2113WU2
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113WU2 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF2113WU2 Datasheet HTML 8Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 9Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 10Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 11Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 12Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 13Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 14Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 15Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
2001 Dec 19
12
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
7.11
Character Generator ROM (CGROM)
The CGROM generates 240 character patterns in a
5
× 8 dot format from 8-bit character codes.
Figures 7, 8, 9 and 10 show the character sets that are
currently implemented.
7.12
Character Generator RAM (CGRAM)
Up to 16 user defined characters may be stored in the
CGRAM. Some CGRAM characters (see Fig.16) are also
used to drive icons (6 if icons blink and both icon rows are
used in the application; 3 if no blink but both icon rows are
used in the application; 0 if no icons are driven by the icon
rows). The CGROM and CGRAM use a common address
space, of which the first column is reserved for the
CGRAM (see Fig.7). Figure 11 shows the addressing
principle for the CGRAM.
7.13
Cursor control circuit
The cursor control circuit generates the cursor underline
and/or cursor blink as shown in Fig.6 at the DDRAM
address contained in the address counter.
When the address counter contains the CGRAM address
the cursor will be inhibited.
7.14
Timing generator
The timing generator produces the various signals
required to drive the internal circuitry. Internal chip
operation is not disturbed by operations on the data buses.
7.15
LCD row and column drivers
The PCF2113x contains 18 row and 60 column drivers,
which connect the appropriate LCD bias voltages in
sequence to the display in accordance with the data to be
displayed. R17 and R18 drive the icon rows.
The bias voltages and the timing are selected
automatically when the number of lines in the display is
selected. Figures 12, 13, 14 and 15 show typical
waveforms. Unused outputs should be left unconnected.
MGA801
cursor
5 x 7 dot character font
alternating display
cursor display example
blink display example
Fig.6 Cursor and blink display examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com